Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4642EN-B Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4642EN-B
Description  AK4642EN Evaluation board Rev.0
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4642EN-B Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4642EN-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4642EN-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4642EN-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4642EN-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4642EN-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4642EN-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4642EN-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4642EN-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4642EN-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ASAHI KASEI
[AKD4642EN-B]
<KM079300>
2005/06
- 3 -
(1-3) Evaluation of Loop-back using AK4114 <Default>
X’tal oscillator (X1) is used. Nothing should be connected to PORT1 (DIR) and PORT3 (DSP).
JP6
BICK2
JP7
LRCK2
JP11
SDTI
ADC
DIR
JP8
LRCK
JP9
MCLK
JP10
BICK
The AK4114 operates at fs of 32kHz or more. If the fs is slower than 32kHz,
any other evaluation mode without using DIR should be used.
(1-4) All interface signals including master clock are fed externally.
PORT3 (DSP) is used. Nothing should be connected to PORT1 (DIR).
JP6
BICK2
JP7
LRCK2
JP11
SDTI
ADC
DIR
JP8
LRCK
JP9
MCLK
JP10
BICK
(2) Master mode
(2-1) Evaluation of Recording block using MCLK of AK4114
(2-2) Master clock is fed externally
(2-1) Evaluation of Loop-back using MCLK of AK4114
X’tal oscillator (X1) is used. Nothing should be connected to PORT1 (DIR) and PORT3 (DSP). It can be
evaluated at internal loop-back mode (LOOP bit = “1”). It is possible to evaluate at various sampling frequencies
using built-in AK4642EN’s PLL.
JP6
BICK2
JP7
LRCK2
JP11
SDTI
ADC
DIR
JP8
LRCK
JP9
MCLK
JP10
BICK
(2-2) Master clock is fed externally
PORT3 (DSP) is used and MCLK is fed from PORT3. Nothing should be connected to PORT1 (DIR). It can be
evaluated at internal loop-back mode (LOOP bit = “1”). It is possible to evaluate at various sampling frequencies
using built-in AK4642EN’s PLL.
JP6
BICK2
JP7
LRCK2
JP11
SDTI
ADC
DIR
JP8
LRCK
JP9
MCLK
JP10
BICK


Similar Part No. - AKD4642EN-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4642 AKM-AKD4642 Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AKD4642 AKM-AKD4642 Datasheet
926Kb / 34P
   Evaluation board Rev.0 for AK4642
AKD4642-B AKM-AKD4642-B Datasheet
926Kb / 34P
   Evaluation board Rev.0 for AK4642
More results

Similar Description - AKD4642EN-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com