Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62201AFG Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TB62201AFG
Description  Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62201AFG Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TB62201AFG Datasheet HTML 15Page - Toshiba Semiconductor TB62201AFG Datasheet HTML 16Page - Toshiba Semiconductor TB62201AFG Datasheet HTML 17Page - Toshiba Semiconductor TB62201AFG Datasheet HTML 18Page - Toshiba Semiconductor TB62201AFG Datasheet HTML 19Page - Toshiba Semiconductor TB62201AFG Datasheet HTML 20Page - Toshiba Semiconductor TB62201AFG Datasheet HTML 21Page - Toshiba Semiconductor TB62201AFG Datasheet HTML 22Page - Toshiba Semiconductor TB62201AFG Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
TB62201AFG
2005-04-04
19
Electrical Characteristics 3
(Ta
= 25°C, VDD = 5 V, VM = 24 V, Iout = 1.0 A)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
θA = 90 (θ16)
100
θA = 84 (θ15)
100
θA = 79 (θ14)
93
98
θA = 73 (θ13)
91
96
θA = 68 (θ12)
87
92
97
θA = 62 (θ11)
83
88
93
θA = 56 (θ10)
78
83
88
θA = 51 (θ9)
72
77
82
θA = 45 (θ8)
66
71
76
θA = 40 (θ7)
58
63
68
θA = 34 (θ6)
51
56
61
θA = 28 (θ5)
42
47
52
θA = 23 (θ4)
33
38
43
θA = 17 (θ3)
24
29
34
θA = 11 (θ2)
15
20
25
θA = 6 (θ1)
5
10
15
Chopper current
Vector
15
θA = 0 (θ0)
0
%


Similar Part No. - TB62201AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62200 TOSHIBA-TB62200 Datasheet
2Mb / 56P
   DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB62200AF TOSHIBA-TB62200AF Datasheet
2Mb / 56P
   DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB62202AFG TOSHIBA-TB62202AFG Datasheet
1Mb / 84P
   Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
TB62206FG TOSHIBA-TB62206FG Datasheet
371Kb / 27P
   BiCD PWM 2−Phase Bipolar Stepping Motor Driver
TB62206FG TOSHIBA-TB62206FG_14 Datasheet
985Kb / 30P
   BiCD PWM 2?뭁hase Bipolar Stepping Motor Driver
More results

Similar Description - TB62201AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62202AFG TOSHIBA-TB62202AFG Datasheet
1Mb / 84P
   Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
TB62200AF TOSHIBA-TB62200AF Datasheet
2Mb / 56P
   DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
TB62209F TOSHIBA-TB62209F Datasheet
1Mb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
TB62209FG TOSHIBA-TB62209FG_14 Datasheet
1Mb / 52P
   Stepping Motor Driver IC Using PWM Chopper Type
TC78S121FTG TOSHIBA-TC78S121FTG Datasheet
668Kb / 30P
   PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S122FTG TOSHIBA-TC78S122FTG Datasheet
632Kb / 31P
   PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S121FNG TOSHIBA-TC78S121FNG Datasheet
695Kb / 30P
   PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S122FNG TOSHIBA-TC78S122FNG Datasheet
620Kb / 31P
   PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TB62212FNG TOSHIBA-TB62212FNG Datasheet
487Kb / 32P
   PWM Chopper Type Dual-Stepping Motor Driver
2014-10-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com