Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4125 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4125
Description  AK4125 Evaluation Board Rev.0
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4125 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4125 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4125 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4125 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4125 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4125 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4125 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4125 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4125 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4125 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ASAHI KASEI
[AKD4125-A]
<KM078700>
2005/06
- 6 -
Other jumper pins set up
1. JP1 (RX) : Select of RX input
COAX:
COAX input.
RX:
Optical input. <Default>
2. JP5 (CKSO) : AK4114 BICK and LRCK setting
H:
BICK: 2.048MHz
∼ 12.288MHz, LRCK: 32kHz ∼ 192kHz
L:
BICK: 2.048MHz
∼ 6.144MHz, LRCK: 32kHz ∼ 96kHz <Default>
When BICK and LRCK frequencies are changed, the value of X’tal (X1) frequency should be changed.
3. JP8 (TX) : Select of TX output
BNC:
BNC connector (J2) output.
OPT:
Optical (PORT4) output. <Default>
The function of the toggle SW
Upper-side is “H” and lower-side is “L”.
[SW1] (PDN): Resets the AK4125 and the AK4114. Keep “H” during normal operation.
The AK4125 and the AK4114 should be resets once bringing “L” upon power-up.
[SW2] (SMUTE): Soft mute of AK4125
Indication for LED
[LED1] (UNLOCK): Monitor UNLOCK pin of the AK4125. LED turns on when unlock occurs.
[LED2] (ERF): Monitor INT0 pin of the AK4114 (U3). LED turns on when unlock or parity error occurs.


Similar Part No. - AKD4125

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4125 AKM-AKD4125 Datasheet
477Kb / 26P
   192kHz / 24Bit High Performance Asynchronous SRC
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
   digital sample rate converter.
More results

Similar Description - AKD4125

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
AKD7782-A AKM-AKD7782-A Datasheet
2Mb / 73P
   AK7782 Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com