Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8814 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK8814
Description  NTSC/PAL Digital Video Encoder
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8814 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK8814 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8814 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8814 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8814 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8814 Datasheet HTML 10Page - Asahi Kasei Microsystems AK8814 Datasheet HTML 11Page - Asahi Kasei Microsystems AK8814 Datasheet HTML 12Page - Asahi Kasei Microsystems AK8814 Datasheet HTML 13Page - Asahi Kasei Microsystems AK8814 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ASAHIKASEI
[AK8813/14]
Rev.00
- 11 -
2004/Oct
AC Characteristics (2.8V - 3.6V Temperature –20 ~ 85°C CL=30pF)
(1). SYSCLK
CLK
fCLK
tCLKH
tCLKL
VIL
VIH
50%Level between VIH and VIL
Parameter
Symbol
Min.
Typ.
Max
Unit
SYSCLK
fSYSCLK
27
MHz
SYSCLK Pulse width H
tCLKH
15
nsec
SYSCLK Pulse width L
tCLKL
15
nsec
(2). Pixel Data Input Timing
(2-1) SYSINV = Low
tDS
tDH
D7:D0
CLK
VIH
VIL
(2-2) SYSINV = High
tDS
tDH
D7:D0
CLK
VIH
VIL
Parameter
Symbol
Min
Typ
Max
Units
Data Setup Time
tDS
5
nsec
Data Hold Time
tDH
8
nsec


Similar Part No. - AK8814

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8812 AKM-AK8812 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8815 AKM-AK8815 Datasheet
346Kb / 37P
   NTSC/PAL Digital Video Encoder
AK8816VG AKM-AK8816VG Datasheet
346Kb / 37P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com