Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AK8813 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part No. AK8813
Description  NTSC/PAL Digital Video Encoder
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

 
 1 page
background image
ASAHIKASEI
[AK8813/14]
Rev.00
- 1 -
2004/Oct
AK8813/14
NTSC/PAL Digital Video Encoder
GENERAL DESCRIPTION
The AK8813/14 is low voltage, low power and small packaged Digital Video Encoder. It is suitable
for a STB or Digital TV. It converts ITU-R.BT601/656 standard 8- bit parallel data into analog
composite video signal, S-video in NTSC and PAL formats.
AK8813/14 supports Copy protection, Closed Captioning and Video Blanking ID(CGMS-A) and WSS.
These functions are controlled by high-speed I2C Bus interface.
FEATURES
• NTSC-M, PAL-B,D,G,H,I,M,N encoding.
• Simultaneous composite video signal and S-video signal outputs
• ITU-R BT.656 4:2:2 8-bit Parallel Input
- EAV Decoding
• Master/Slave Operation
- Digital Field Sync I/O
- Digital Vertical/Horizontal Sync I/O
• Y filtering
2 x over-sampling
• C filtering
4 x over-sampling
• Single 27MHz Clock (The polarity could be inverted by SYSINV pin)
• Triple 10-bit DACs
• I2C Bus Interface (400kHz)
• Closed Caption encoding (NTSC: line 21,284-SMPTE PAL: line 22,335-CCIR)
• Macrovision Copy Protection Rev. 7.1 * (only AK8814 )
• VBID, CGMS-A(EIAJ CPR-1024)
• WSS
• On-chip color bar generator
• Low power consumption
• 2.8V to 3.3V operation CMOS Monolithic
• 48pin LQFP Package / 57pin FBGA Package
(*Note) This device is protected by U.S. patent numbers 4,631,603, 4,577,216, and 4,819,098, and other
intellectual rights. The use of Macrovision’s copy protection technology in the device must be authorized
by Macrovision and is intended for home and other limited pay-per -view use only, unless otherwise
authorized in written by Macrovision. Reverse engineering or disassembly is prohibited.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAA7126HDigital video encoder 1 2 3 4 5 MoreNXP Semiconductors
VP536ENTSC/PAL Digital Video Encoder 1 2 3 4 5 MoreZarlink Semiconductor Inc
SAA7128HDigital video encoder 1 2 3 4 5 MoreNXP Semiconductors
ADV7170Digital PAL/NTSC Video Encoder with 10-Bit SSAF™ and Advanced Power Management 1 2 3 4 5 MoreAnalog Devices
ADV7172Digital PAL/NTSC Video Encoder with Six DACs 10 Bits Color Control and Enhanced Power Management 1 2 3 4 5 MoreAnalog Devices
SPCA701ADIGITAL VIDEO ENCODER FOR VIDEOCD 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADV7175Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
ADV7175AHigh Quality 10-Bit Digital CCIR-601 to PAL/NTSC Video Encoder 1 2 3 4 5 MoreAnalog Devices
BT856YCrCb or RGB to NTSC/PAL Digital Video Encoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl