Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AK8813 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part No. AK8813
Description  NTSC/PAL Digital Video Encoder
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

 6 page
background image
ASAHIKASEI
[AK8813/14]
Rev.00
- 7 -
2004/Oct
57pin FBGA
No.
Pin Name
I/O
Description
A1
NC
-
Open for normal operation
B1
AVSS
G
Analog Ground
C1
AVDD
P
Analog Power Supply
C2
VREFOUT
O
Output of the Internal Vref. Terminate with 0.1uF or more capacitor.
D1
VREFIN
I
Input of the Reference Voltage
D2
IREF
O
The currents flow this pin adjusts the full-scale output current of the DAC.
Connect this pin to Analog ground via a 6.8kohm resistor ( better than +/-
1% accuracy ).
E1
DVSS
G
Digital Ground
E2
DVDD
P
Digital Power Supply
F2
UD0
I/O
Test pin. Open for normal operation
F1
UD1
I/O
Test pin. Open for normal operation
G2
UD2
I/O
Test pin. Open for normal operation
G1
UD3
I/O
Test pin. Open for normal operation
H1
UD4
I/O
Test pin. Open for normal operation
J1
NC
-
Open for normal operation
J2
UD5
I/O
Test pin. Open for normal operation
H2
UD6
I/O
Test pin. Open for normal operation
H3
UD7
I/O
Test pin. Open for normal operation
J3
DVSS
G
Digital Ground
H4
SYSCLK
I
27MHz Clock Input. The polarity could be inverted by SYSINV.
J4
DVDD
P
Digital Power Supply
H5
UD8
I/O
Test pin. Open for normal operation
J5
DVDD
P
Digital Power Supply
J6
FID/VSYNC
I/O
Either of FID or VSYNC selected by the register.
Rec.656 decode mode :Output
Master mode : Output
Slave mode : Input
FID shows that “L” is odd field and ”H” is even field.
H6
HSYNC
I/O
Rec.656 decode mode : Output
Master mode : Output
Slave mode : Input
H7
DVSS
G
Digital Ground
J7
SYSINV
I
“L “ : data is latched with rising edge.
“H” : data is latched with falling edge.
H8
UD9
I/O
Test pin. Open for normal operation
J9
NC
-
Open for normal operation
J8
D7
I
Video data input (MSB)
G8
D6
I
Video data input




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAA7126HDigital video encoder 1 2 3 4 5 MoreNXP Semiconductors
VP536ENTSC/PAL Digital Video Encoder 1 2 3 4 5 MoreZarlink Semiconductor Inc
SAA7128HDigital video encoder 1 2 3 4 5 MoreNXP Semiconductors
ADV7170Digital PAL/NTSC Video Encoder with 10-Bit SSAF™ and Advanced Power Management 1 2 3 4 5 MoreAnalog Devices
ADV7172Digital PAL/NTSC Video Encoder with Six DACs 10 Bits Color Control and Enhanced Power Management 1 2 3 4 5 MoreAnalog Devices
SPCA701ADIGITAL VIDEO ENCODER FOR VIDEOCD 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADV7175Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
ADV7175AHigh Quality 10-Bit Digital CCIR-601 to PAL/NTSC Video Encoder 1 2 3 4 5 MoreAnalog Devices
BT856YCrCb or RGB to NTSC/PAL Digital Video Encoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl