Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6718AFG Datasheet(PDF) 11 Page - Marktech Corporate

Part # TB6718AFG
Description  Controller and Driver for Full-color LED Modules and Panels
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB6718AFG Datasheet(HTML) 11 Page - Marktech Corporate

Back Button TB6718AFG Datasheet HTML 7Page - Marktech Corporate TB6718AFG Datasheet HTML 8Page - Marktech Corporate TB6718AFG Datasheet HTML 9Page - Marktech Corporate TB6718AFG Datasheet HTML 10Page - Marktech Corporate TB6718AFG Datasheet HTML 11Page - Marktech Corporate TB6718AFG Datasheet HTML 12Page - Marktech Corporate TB6718AFG Datasheet HTML 13Page - Marktech Corporate TB6718AFG Datasheet HTML 14Page - Marktech Corporate TB6718AFG Datasheet HTML 15Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TB62718AFG
2005-04-20
11
Electrical Characteristics 2
(VDD = 4.5 V~5.5 V, Topr = −40°C~85°C, typ: VDD = 5.0 V, Topr = 25°C)
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Unit
IOUT1
Settings *7
60.4
71.0
81.6
IOUT2
Settings *6a
51.2
60.2
69.2
IOUT3
Settings *5a
34.1
40.1
46.1
IOUT4
Settings *4a
16.5
19.9
23.2
IOUT5
Settings *3a
7.8
10.0
12.2
Constant-current output
IOUT6
Settings *2
4.54
7.1
9.65
V
%TOPR1
Settings *6a, VOUT = 1.0 V, Topr is
varied in the range
−40°C~85°C.
±50
±80
Constant-current output Depends on
temperature
%TOPR2
Settings *4a, VOUT = 1.0 V, Topr is
varied in the range
−40°C~85°C.
±25
±50
µA/°C
Leakage current for constant-current
output
IOLK
Settings *1, VOUT = 26 V
0.05
0.1
µA
∆IOUT1
Settings *6a, VOUT = 0.7 V
±2.5
±6
∆IOUT2
Settings *5a, VOUT = 0.7 V
±3.5
±6
∆IOUT3
Settings *4a, VOUT = 0.7 V
±5.5
±7
Constant current accuracy between
bits
∆IOUT4
Settings *3a, VOUT = 0.7 V
±7
±12
%
%IOUT1
Settings is changed from *6a to *6b.
±1
±3
%IOUT2
Settings is changed from *5a to *5b.
±1.5
±3
%IOUT3
Settings is changed from *4a to *4b.
±3.5
±5
Dot adjustment deviation between
bits
(when DAC3 data were changed
from MSB to LSB.)
%IOUT4
Settings is changed from *3a to *3b.
±6
±12
%
Settings *6a, VOUT is varied in the
range 0.7 V~3 V.
±5
±8
Constant-current output depends on
output voltage
%VOUT
Settings *4a, VOUT is varied in the
range 0.7 V~3 V.
±3
±6
%
Constant-current output depends on
supply voltage
%VDD
Settings *6a, VDD is varied in the range
4.5 V~5.5 V.
±1
±2
%
Tsd1
120
140
160
TSD detection temperature
Tsd2
140
160
180
°C
Output-open detection voltage
VARL
ALARM2
0.04
VDD
V
Pull-up/down resistor
Rup/Rdw
150
300
600
k
Electrical Characteristic Settings
(OUT 00~OUT 15 all on, VOUT = 0.7 V and REXT = 2.7 kΩ unless otherwise specified)
No.
DAC Settings
All Dot Adjustment
(DAC3)
Constant Output Current
(typ.)
∗1
OUT00~15 OFF, VOUT = 26 V, DAC1~4 = MSB, BLANK = H
IOUT = 0 mA
∗2
DAC1
= 0, DAC2 = 0, DAC4 = 63, BLANK = L
IOUT = 7.10 mA
∗3a
DAC1
= 0, DAC2 = 17, DAC4 = 63, BLANK = L
IOUT = 10.0 mA
∗4a
DAC1
= 1, DAC2 = 17, DAC4 = 63, BLANK = L
IOUT = 19.9 mA
∗5a
DAC1
= 2, DAC2 = 37, DAC4 = 63, BLANK = L
IOUT = 40.1 mA
∗6a
DAC1
= 3, DAC2 = 51, DAC4 = 63, BLANK = L
IOUT = 60.2 mA
∗7
DAC1
= 3, DAC2 = 63, DAC4 = 63, BLANK = L
DAC3
= 31
IOUT = 71.0 mA
∗3b
DAC1
= 0, DAC2 = 17, DAC4 = 63, BLANK = L
IOUT = 5.0 mA
∗4b
DAC1
= 1, DAC2 = 17, DAC4 = 63, BLANK = L
IOUT = 10.0 mA
∗5b
DAC1
= 2, DAC2 = 37, DAC4 = 63, BLANK = L
IOUT = 20.0 mA
∗6b
DAC1
= 3, DAC2 = 51, DAC4 = 63, BLANK = L
DAC3
= 00
IOUT = 30.1 mA


Similar Part No. - TB6718AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67B000AFG TOSHIBA-TB67B000AFG Datasheet
454Kb / 31P
   TOSHIBA Bi-CMOS Power Integrated Circuit Multi-Chip Package (MCP)
2019-11-12
TB67B000AHG TOSHIBA-TB67B000AHG Datasheet
455Kb / 31P
   TOSHIBA Bi-CMOS Power Integrated Circuit Multi-Chip Package (MCP)
2019-05-30
TB67B000FG TOSHIBA-TB67B000FG Datasheet
349Kb / 31P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
2018-02-02
TB67B000HG TOSHIBA-TB67B000HG Datasheet
460Kb / 32P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
TB67B001AFTG TOSHIBA-TB67B001AFTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
More results

Similar Description - TB6718AFG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62718AFG MARKTECH-TB62718AFG Datasheet
512Kb / 31P
   Controller and Driver for Full-color LED Modules and Panels
logo
Toshiba Semiconductor
TB62718AF TOSHIBA-TB62718AF Datasheet
1Mb / 30P
   FULL COLOR LED MODULE AND PANEL SPECIAL CONTROLLER AND LED DRIVER
logo
New Japan Radio
NJU6061 NJRC-NJU6061 Datasheet
32Kb / 2P
   Full Color LED Controller Driver with PWM Control
NJU6060 NJRC-NJU6060 Datasheet
70Kb / 12P
   Full Color LED Controller Driver with PWM Control
logo
Sony Corporation
CXA2108AQ SONY-CXA2108AQ Datasheet
282Kb / 27P
   Constant-Current Driver for Full Color LED Display
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com