Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6718AFG Datasheet(PDF) 8 Page - Marktech Corporate

Part # TB6718AFG
Description  Controller and Driver for Full-color LED Modules and Panels
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB6718AFG Datasheet(HTML) 8 Page - Marktech Corporate

Back Button TB6718AFG Datasheet HTML 4Page - Marktech Corporate TB6718AFG Datasheet HTML 5Page - Marktech Corporate TB6718AFG Datasheet HTML 6Page - Marktech Corporate TB6718AFG Datasheet HTML 7Page - Marktech Corporate TB6718AFG Datasheet HTML 8Page - Marktech Corporate TB6718AFG Datasheet HTML 9Page - Marktech Corporate TB6718AFG Datasheet HTML 10Page - Marktech Corporate TB6718AFG Datasheet HTML 11Page - Marktech Corporate TB6718AFG Datasheet HTML 12Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TB62718AFG
2005-04-20
8
Absolute Maximum Ratings (Topr = 25°C unless otherwise specified)
Characteristics
Symbol
Rating
Unit
Supply voltage
VDD
−0.3~7
V
Constant-current output voltage
VO
−0.3~26
V
Output current
IOUT
90
mA/bit
Logic output voltage
VOUT
−0.3~ VDD + 0.3
V
Logic input voltage
VIN
−0.3~VDD + 0.3
V
Total VSS2 current
(Note 5)
IVSS2
1.44
A
When device mounted on PCB
(Note 6)
1.19
Power dissipation
When device mounted on PCB of any size
Pd
(Note 4)
5.0
W
When device mounted on PCB
(Note 6)
θ (j-a)
102
Saturation heat
resistance of
package
When device mounted on PCB of any size
θ (j-c)
25
°C/W
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−55~150
°C
Note 4: If the operating temperature exceeds 25°C, derate the power dissipation rating by 0.95 mW/°C.
Note 5: All four VSS2 pins must be connected. If not, device characteristics cannot be guaranteed.
Note 6: When device mounted on PCB with dimensions 100 mm
× 100 mm × 1.6 mm
Recommended Operating Conditions
(VDD = 4.5 V~5.5 V, Topr = −40°C~85°C unless otherwise specified)
Characteristics
Symbol
Conditions & Pins
Min
Typ.
Max
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
High-level input voltage
VIH
PI DATA, PI CLK, PI SEL, PI LATCH,
SI DATA, SI CLK, SI SEL, SI LATCH,
PWM CLK
0.7
VDD
VDD
V
Low-level input voltage
VIL
BLANK, LED TEST, TSENA, DOE,
DCEN, BCEN
VSS
0.3
VDD
V
High-level output current
IOH
PO DATA 00~PO DATA 07, SO DATA
−1
mA
Low-level output current
IOL
VDD = 4.5 V, ALARM1, ALARM2
1
mA
Constant-current output
IOUT
OUT 00~OUT 15
5
80
mA/bit
VOUT
OUT 00~OUT 15 OFF
26
V
Output voltage
VOH
ALARM1, ALARM2 OFF
5
V
Operating temperature
Topr
−40
85
°C


Similar Part No. - TB6718AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67B000AFG TOSHIBA-TB67B000AFG Datasheet
454Kb / 31P
   TOSHIBA Bi-CMOS Power Integrated Circuit Multi-Chip Package (MCP)
2019-11-12
TB67B000AHG TOSHIBA-TB67B000AHG Datasheet
455Kb / 31P
   TOSHIBA Bi-CMOS Power Integrated Circuit Multi-Chip Package (MCP)
2019-05-30
TB67B000FG TOSHIBA-TB67B000FG Datasheet
349Kb / 31P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
2018-02-02
TB67B000HG TOSHIBA-TB67B000HG Datasheet
460Kb / 32P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
TB67B001AFTG TOSHIBA-TB67B001AFTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
More results

Similar Description - TB6718AFG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62718AFG MARKTECH-TB62718AFG Datasheet
512Kb / 31P
   Controller and Driver for Full-color LED Modules and Panels
logo
Toshiba Semiconductor
TB62718AF TOSHIBA-TB62718AF Datasheet
1Mb / 30P
   FULL COLOR LED MODULE AND PANEL SPECIAL CONTROLLER AND LED DRIVER
logo
New Japan Radio
NJU6061 NJRC-NJU6061 Datasheet
32Kb / 2P
   Full Color LED Controller Driver with PWM Control
NJU6060 NJRC-NJU6060 Datasheet
70Kb / 12P
   Full Color LED Controller Driver with PWM Control
logo
Sony Corporation
CXA2108AQ SONY-CXA2108AQ Datasheet
282Kb / 27P
   Constant-Current Driver for Full Color LED Display
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com