Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG4973AT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CG4973AT
Description  hyperCache TM / Stand-Alone PCI Peripheral Controller with USB
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CG4973AT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CG4973AT Datasheet HTML 1Page - Cypress Semiconductor CG4973AT Datasheet HTML 2Page - Cypress Semiconductor CG4973AT Datasheet HTML 3Page - Cypress Semiconductor CG4973AT Datasheet HTML 4Page - Cypress Semiconductor CG4973AT Datasheet HTML 5Page - Cypress Semiconductor CG4973AT Datasheet HTML 6Page - Cypress Semiconductor CG4973AT Datasheet HTML 7Page - Cypress Semiconductor CG4973AT Datasheet HTML 8Page - Cypress Semiconductor CG4973AT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 164 page
background image
CY82C693UB
PRELIMINARY
4
TABLE OF CONTENTS (continued)
Register 53: Non-motherboard Memory Address Mask for Event Detection Register #2
(Read/Write) - Index=53H ............................................................................................................................... 52
Register 54: Programmable I/O Trap 1 Address Range Register #1 (Read/Write) - Index=54H ................... 52
Register 55: Programmable I/O Trap 1 Address Range Register #2 (Read/Write) - Index=55H ................... 53
Register 56: Programmable I/O Trap 1 Address Range Register #3 (Read/Write) - Index=56H ................... 53
Register 57: Programmable I/O Trap 1 Address Range Register #4 (Read/Write) - Index=57H ................... 53
Register 58: Programmable I/O Trap 2 Address Range Register #1 (Read/Write) - Index=58H ................... 53
Register 59: Programmable I/O Trap 2 Address Range Register #2 (Read/Write) - Index=59H ................... 53
Register 5A: Programmable I/O Trap 2 Address Range Register #3 (Read/Write) - Index=5AH .................. 53
Register 5B: Programmable I/O Trap 2 Address Range Register #4 (Read/Write) - Index=5BH .................. 53
Register 5C: Programmable I/O Trap 1 Address Detection Control (Read/Write) - Index=5CH .................... 54
Register 5D: Programmable I/O Trap 2 Address Detection Control (Read/Write) - Index=5DH .................... 54
Register 5E: I/O Trap 1 and 2 Monitoring Control (Read/Write) - Index=5EH ................................................ 55
Register 5F: Standby and Suspend Timer Terminal Count Control Register (Read/Write) - Index=5FH ....... 55
Register 60: User Timer 1 and User Timer 2 Terminal Count Control Register (Read/Write) - Index=60H ... 56
Register 61: User Timer 3 Terminal Count Control Register (Read/Write) - Index=61H ................................ 56
Register 62: Throttle Timer Terminal Count Control Register (Read/Write) - Index=62H .............................. 57
Register 63: Power Management Control Register#1 (Read/Write) - Index=63H .......................................... 57
Register 64: Power Management Control Register#2 (Read/Write) - Index=64H .......................................... 58
Register 65: Power Management Clock Control Register (Read/Write) - Index=65H .................................... 58
Register 66: STOPCLK Control Register (Read/Write) - Index=66H ............................................................. 59
Register 67: Power Management SMI Control Register (Read/Write) - Index=67H ....................................... 59
Register 70: Power Management SMI Enable Register #1 (Read/Write) - Index=70H .................................. 60
Register 71: Power Management SMI Enable Register #2 (Read/Write) - Index=71H .................................. 60
Register 72: Power Management SMI Enable Register #3 (Read/Write) - Index=72H .................................. 61
Register 73: Power Management SMI Enable Register #4 (Read/Write) - Index=73H .................................. 61
Register 74: Power Management SMI Enable Register #5 (Read/Write) - Index=74H .................................. 62
Register 75: Power Management SMI Enable Register #6 (Read/Write) - Index=75H .................................. 62
Register 76: Power Management SMI Status Register #1 (Read/Write) - Index=76H ................................... 63
Register 77: Power Management SMI Status Register #2 (Read/Write) - Index=77H ................................... 64
Register 78: Power Management SMI Status Register #3 (Read/Write) - Index=78H ................................... 65
Register 79: Power Management Interrupt Request Status Register #1 (Read/Write) - Index=79H .............. 66
Register 7A: Power Management Interrupt Request Status Register #2 (Read/Write) - Index=7AH ............. 67
Register 7B: Power Management DMA Request Status Register (Read/Write) - Index=7BH ....................... 68
Register 7C: Reserved - Index=7CH ............................................................................................................... 69
Register 7D: Reserved - Index=7DH .............................................................................................................. 69
Register 7E: Reserved - Index=7EH .............................................................................................................. 69
Register 7F: Reserved - Index=7FH ............................................................................................................... 69
Special I/O Port Registers ..................................................................................................................... 70
Port 61: System Control Port B, NMI (Read/Write) - I/O Address=061H ......................................................... 70
Port 70: RTC/Configuration RAM Address Port, NMI (Write) - I/O Address=070H ......................................... 70
Port 92: PS/2 Reset Control (Read/Write) - I/O Address=092H ...................................................................... 70
Port B2: APM Control Port (Read/Write) - I/O Address=0B2H ........................................................................ 71
Port B3: APM Status Port (Read/Write) - I/O Address=0B3H ......................................................................... 71
CY82C693UB DMA Controller Registers .............................................................................................. 72
DMA Register 0: DMAC1 Channel 0 Current Address Register (Read/Write) - I/O Address=000H ............... 72
DMA Register 1: DMAC1 Channel 0 Current Word Count Register (Read/Write) - I/O Address=001H ......... 72
DMA Register 2: DMAC1 Channel 1 Current Address Register (Read/Write) - I/O Address=002H ............... 72
DMA Register 3: DMAC1 Channel 1 Current Word Count Register (Read/Write) - I/O Address=003H ......... 73
DMA Register 4: DMAC1 Channel 2 Current Address Register (Read/Write) - I/O Address=004H ............... 73
DMA Register 5: DMAC1 Channel 2 Current Word Count Register (Read/Write) - I/O Address=005H ......... 73
DMA Register 6: DMAC1 Channel 3 Current Address Register (Read/Write) - I/O Address=006H ............... 73


Similar Part No. - CG4973AT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CG492U075V4C CDE-CG492U075V4C Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CG492U075V4C CDE-CG492U075V4C Datasheet
1Mb / 3P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor
More results

Similar Description - CG4973AT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
logo
IK Semicon Co., Ltd
IN2515 IKSEMICON-IN2515 Datasheet
540Kb / 17P
   STAND-ALONE CAN CONTROLLER
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
logo
Texas Instruments
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com