Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY82C693UB Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY82C693UB
Description  hyperCache TM / Stand-Alone PCI Peripheral Controller with USB
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY82C693UB Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY82C693UB Datasheet HTML 1Page - Cypress Semiconductor CY82C693UB Datasheet HTML 2Page - Cypress Semiconductor CY82C693UB Datasheet HTML 3Page - Cypress Semiconductor CY82C693UB Datasheet HTML 4Page - Cypress Semiconductor CY82C693UB Datasheet HTML 5Page - Cypress Semiconductor CY82C693UB Datasheet HTML 6Page - Cypress Semiconductor CY82C693UB Datasheet HTML 7Page - Cypress Semiconductor CY82C693UB Datasheet HTML 8Page - Cypress Semiconductor CY82C693UB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
CY82C693UB
PRELIMINARY
3
TABLE OF CONTENTS (continued)
Register 1: Peripheral Configuration Register #1 (Read/Write) — Index=01H ................................................ 37
Register 2: Peripheral Configuration Register #2 (Read/Write) - Index=02H .................................................. 38
Register 3: Interrupt Request Level/Edge Control Register #1 (Read/Write) - Index=03H ............................. 38
Register 4: Interrupt Request Level/Edge Control Register #2 (Read/Write) - Index=04H ............................. 39
Register 5: Real-Time-Clock Configuration Register (Read/Write) - Index=05H ............................................ 39
Write-Only Shadow Registers ................................................................................................................ 40
Register 80: DMA1 Write Request Shadow Register (Read/Write) - Index=80H ........................................... 40
Register 81: DMA1 Write Single Mask Bit Shadow Register (Read/Write) - Index=81H ................................ 40
Register 82: DMA1 Write Mode Shadow Register (Read/Write) - Index=82H ............................................... 40
Register 83: DMA1 Clear Byte Pointer Shadow Register (Read/Write) - Index=83H ..................................... 40
Register 84: DMA1 Master Clear Shadow Register (Read/Write) - Index=84H ............................................. 40
Register 85: DMA1 Clear Mask Shadow Register (Read/Write) - Index=85H ................................................ 40
Register 86: Timer Counter 1 Command Mode Shadow Register (Read/Write) - Index=86H ....................... 40
Register 87: CMOS Battery-Backed RAM Address and NMI Mask Registers Shadow Register
(Read/Write) - Index=87H ............................................................................................................................... 40
Register 88: DMA2 Write Request Shadow Register (Read/Write) - Index=88H ........................................... 40
Register 89: DMA2 Write Single Mask Bit Shadow Register (Read/Write) - Index=89H ................................ 41
Register 8A: DMA2 Write Mode Shadow Register (Read/Write) - Index=8AH ............................................... 41
Register 8B: DMA2 Clear Byte Pointer Shadow Register (Read/Write) - Index=8BH .................................... 41
Register 8C: DMA2 Mask Clear Shadow Register (Read/Write) - Index=8CH .............................................. 41
Register 8D: DMA2 Clear Mask Shadow Register (Read/Write) - Index=8DH .............................................. 41
Register 8E: Coprocessor Error Shadow Register (Read/Write) - Index=8EH ............................................... 41
Register 8F: Extended CMOS RAM address Shadow Register (Read/Write) - Index=8FH ........................... 41
General Purpose I/O Registers .............................................................................................................. 42
Register 90: General Purpose I/O Control Register A (Read/Write) - Index=90H .......................................... 42
Register 91: General Purpose I/O Input/Output Control Register A (Read/Write) - Index=91H ..................... 42
Register 92: General Purpose I/O Control Register B (Read/Write) - Index=92H .......................................... 43
Register 93: General Purpose I/O Input/Output Control Register B (Read/Write) - Index=93H ..................... 43
Power Management Control Registers .................................................................................................. 44
Register 40: Standby Timer Event Detection Control (Read/Write) - Index=40H ........................................... 44
Register 41: Standby Timer Interrupt Request Detection Control #1 (Read/Write) - Index=41H ................... 45
Register 42: Standby Timer Interrupt Request Detection Control #2 (Read/Write) - Index=42H ................... 45
Register 43: Standby Timer DMA Request Detection Control #1 (Read/Write) - Index=43H ......................... 46
Register 44: Suspend Timer Event Detection Control (Read/Write) - Index=44H .......................................... 46
Register 45: Suspend Timer Interrupt Request Detection Control #1 (Read/Write) - Index=45H .................. 47
Register 46: Suspend Timer Interrupt Request Detection Control #2 (Read/Write) - Index=46H .................. 47
Register 47: Suspend Timer DMA Request Detection Control #1 (Read/Write) - Index=47H ........................ 48
Register 48: User Timer 1 Event Detection Control (Read/Write) - Index=48H ............................................. 48
Register 49: User Timer 1 Interrupt Request Detection Control #1 (Read/Write) - Index=49H ...................... 49
Register 4A: User Timer 1 Interrupt Request Detection Control #2 (Read/Write) - Index=4AH ..................... 49
Register 4B: User Timer 1 DMA Request Detection Control #1 (Read/Write) - Index=4BH .......................... 50
Register 4C: Throttle Timer Event Detection Control (Read/Write) - Index=4CH ........................................... 50
Register 4D: Throttle Timer Interrupt Request Detection Control #1 (Read/Write) - Index=4DH ................... 51
Register 4E: Throttle Timer Interrupt Request Detection Control #2 (Read/Write) - Index=4EH ................... 51
Register 4F: Throttle Timer DMA Request Detection Control #1 (Read/Write) - Index=4FH ......................... 52
Register 50: Non-motherboard Memory Address Range Decode for Event Detection
Register #1 (Read/Write) - Index=50H ........................................................................................................... 52
Register 51: Non-motherboard Memory Address Range Decode for Event Detection
Register #2 (Read/Write) - Index=51H ........................................................................................................... 52
Register 52: Non-motherboard Memory Address Mask for Event Detection Register #1
(Read/Write) - Index=52H ............................................................................................................................... 52


Similar Part No. - CY82C693UB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CY8483-000 TEC-CY8483-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
logo
Cypress Semiconductor
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20000-12LFXI CYPRESS-CY8C20000-12LFXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20066-24LTXI CYPRESS-CY8C20066-24LTXI Datasheet
664Kb / 34P
   CapSense??Applications
More results

Similar Description - CY82C693UB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
logo
IK Semicon Co., Ltd
IN2515 IKSEMICON-IN2515 Datasheet
540Kb / 17P
   STAND-ALONE CAN CONTROLLER
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
logo
Texas Instruments
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com