Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6219B451PR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6219B451PR
Description  High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219B451PR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6219B451PR Datasheet HTML 3Page - Torex Semiconductor XC6219B451PR Datasheet HTML 4Page - Torex Semiconductor XC6219B451PR Datasheet HTML 5Page - Torex Semiconductor XC6219B451PR Datasheet HTML 6Page - Torex Semiconductor XC6219B451PR Datasheet HTML 7Page - Torex Semiconductor XC6219B451PR Datasheet HTML 8Page - Torex Semiconductor XC6219B451PR Datasheet HTML 9Page - Torex Semiconductor XC6219B451PR Datasheet HTML 10Page - Torex Semiconductor XC6219B451PR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
7
R000026
XC6219 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
ELECTRICAL CHARACTERISTICS
XC6219B series
Ta=25OC
PARAMETER
SYMBOL
CONDITIONS
MAX.
TYP.
MIN.
UNITS
CIRCUIT
Output Voltage
VOUT(E)
IOUT=30mA
x 0.98
VOUT(T)
x 1.02
V
1
Maximum Output Current
IOUTMAX
150
-
-
mA
1
Load Regulation
VOUT
1mA<IOUT<100mA
-
15
50
mV
1
Vdif1
IOUT=30mA
E-1
mV
Dropout Voltage
Vdif2
IOUT=100mA
E-2
mV
1
Supply Current
IDD
VCE=VIN
-
25
50
µA
2
Standby Current
Istby
VCE=VSS
-
0.01
0.10
µA
2
VOUT/
VOUT(T)+1.0V<VIN<7.0V
Line Regulation
VIN VOUT
IOUT=30mA
-
0.01
0.20
%/V
1
Input Voltage
VIN
2.0
6.0
V
-
Output Voltage Temperature
VOUT/
IOUT=30mA
Characteristics
Topr VOUT
-40OC<Topr<85OC
-
100
-
ppm/OC
1
Ripple Rejection Rate
PSRR
IOUT=50mA, f=10kHz
-
65
-
dB
4
Current Limiter
Ilim
-
300
-
mA
1
Short Circuit Current
Ishort
-
50
-
mA
1
EN ‘High’ Voltage
VCEH
1.60
VIN
V
1
EN ‘Low’ Voltage
VCEL
0.25
V
2
EN ‘High’ Current
ICEH
VCE=VIN
-0.10
0.10
µA
2
EN ‘Low’ Current
ICEL
VCE=VSS
-0.10
0.10
µA
2
NOTE:
*1: VOUT(T) = Specified output voltage
*2: VOUT(E) = Effective output voltage (I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.)
3: Vdif={VIN1(*5)-VOUT1(*4) }
*4: VOUT=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
*5: VIN=The Input Voltage when VOUT appears as Input Voltage is gradually decreased.
*6: Unless otherwise stated, VIN=VOUT(T)+1.0V.
DROPOUT VOLTAGE CHART
E-1
E-2
SYMBOL
Vdif1
Vdif2
PARAMETER
OUTPUT VOLTAGE
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
0.9
1100
1100
1110
1100
1150
1200
1.50
500
500
510
500
550
600
1.80 ~ 1.85
200
200
210
200
300
400
1.90 ~ 1.95
100
120
150
100
280
380
2.00 ~ 2.05
-
80
120
-
240
350
2.10 ~ 2.25
-
80
120
-
240
330
2.30 ~ 2.45
-
80
120
-
240
310
2.50 ~ 2.75
-
70
100
-
220
290
2.80 ~ 2.95
-
70
100
-
220
270
3.00 ~ 3.05
-
60
90
-
200
270
3.10 ~ 3.95
-
60
90
-
200
250
4.00 ~ 4.95
-
60
80
-
180
230
5.00
-
50
70
-
160
210
* The input voltage 2.0V (MIN) is needed to operate the series.
When the output voltage is less than 2.0V, 2.0V-VOUT(T) of dropout voltage is needed at minimum.


Similar Part No. - XC6219B451PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219B451PR TOREX-XC6219B451PR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results

Similar Description - XC6219B451PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com