Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7746VT Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK7746VT
Description  Audio DSP with 5-channel 24-bit ADC and Input Mux
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7746VT Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK7746VT Datasheet HTML 1Page - Asahi Kasei Microsystems AK7746VT Datasheet HTML 2Page - Asahi Kasei Microsystems AK7746VT Datasheet HTML 3Page - Asahi Kasei Microsystems AK7746VT Datasheet HTML 4Page - Asahi Kasei Microsystems AK7746VT Datasheet HTML 5Page - Asahi Kasei Microsystems AK7746VT Datasheet HTML 6Page - Asahi Kasei Microsystems AK7746VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK7746VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK7746VT Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
[ASAHI KASEI]
[AK7746]
[MS0369-E00]
- 1 -
2004/12
The AK7746 is a highly integrated audio processor, including 5 A/D channels, an input mux that can select 2 stereo pairs
from 8 stereo inputs, and an on-chip DSP. High quality analog performance is provided by the ADC’s achieving 98dB
(48kHz) dynamic range. The A/D supports sampling frequencies from 8kHz to 96kHz. The AK7746 includes 72kbits of
SRAM for audio delay that is suitable for simulated surround functions and speaker compensation. The programmable
DSP allows up to 4608 execution lines per audio sample cycle at 8kHz, 768 lines at 48kHz, or 384 lines at 96kHz with
multiple functions per line. The AK7746 can be used to implement complete sound field control, such as echo, 3D,
parametric equalization, etc. It is packaged in a 64-lead LQFP.
1. General Description
2. Features
DSP:
-
Word length:
24-bit (Data RAM)
-
Instruction cycle time:
27ns (768fs, fs=48kHz )
-
Multiplier:
24 x 16
→ 40-bit
-
Divider:
24 / 24
→ 16-bit or 24-bit
-
ALU:
34-bit arithmetic operation (Overflow margin: 4bit)
-
24-bit arithmetic and logic operation
-
Shift+Register:
1, 2, 3, 4, 6, 8 and 15 bits shifted left
1, 2, 3, 4, 8 and 15 bits shifted right
(Other numbers in parentheses are restricted.
Provided with indirect shift function)
-
Program RAM:
768 x 32-bit
-
Coefficient RAM:
1024 x 16-bit
-
Data RAM:
256 x 24-bit
-
Offset RAM:
48 x 13-bit
(6144 x 12-bit / 3072 x 24-bit / 4096 x 12-bit + 1024 x 24-bit )
-
Internal Memory:
72kbit SRAM
-
Sampling frequency:
8kHz to 96kHz
-
Serial interface port for micro-controller
-
Master clock:
768fs@48kHz ( generated by PLL from 256fs or 384fs )
-
Master/Slave operation
-
Serial signal input port ( 8(10) ch ):16/20/24-bit : Output port ( 8ch + 4ch ): 24-bit
ADC: 4 channels (2 channels 2 sets )
-
24-bit 64 x Over-sampling delta sigma
-
Sampling frequency:
8kHz to 96kHz
-
DR:
98dBA ( fs=48 kHz Full-differential Input )
-
S/N :
98dBA ( fs=48 kHz Full-differential Input )
-
S/(N+D) :
91dB
( fs= 48 kHz Full-differential Input )
-
Digital HPF (fc = 1Hz)
-
Single-ended or Full-differential Input
ADC: Monaural 1 channel
-
24-bit 64x Over-sampling delta sigma
-
Sampling frequency:
8kHz to 96kHz
-
DR:
97dBA ( fs=48 kHz )
-
S/N :
97dBA ( fs=48 kHz )
-
S/(N+D) :
91dB
( fs= 48 kHz )
Other
-
External Jump pin:
3(maximum)
-
CRC error check function
-
LRCLK and BITCLK input and output for slave mode
-
Power supply:
+3.3V
±0.3V
-
Operating temperature range:
-40
°C~85°C
-
Package:
64pin LQFP (0.5mm pitch)
Audio DSP with 5-channel 24-bit ADC and Input Mux
AK7746


Similar Part No. - AK7746VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742EQ AKM-AK7742EQ Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
More results

Similar Description - AK7746VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
logo
Linear Technology
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Nuvoton Technology Corp...
NAU8502 NUVOTON-NAU8502 Datasheet
2Mb / 92P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
logo
Cirrus Logic
CS5346 CIRRUS-CS5346 Datasheet
692Kb / 40P
   103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
logo
Asahi Kasei Microsystem...
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7714 AKM-AK7714 Datasheet
516Kb / 48P
   20-Bit Audio Codec with DSP and Delay RAM
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com