Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX-385-DAD-ST3-F-10.000 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # EX-385-DAD-ST3-F-10.000
Description  4 Pin DIP & SMD Evacuated Miniature Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-385-DAD-ST3-F-10.000 Datasheet(HTML) 5 Page - Vectron International, Inc

  EX-385-DAD-ST3-F-10.000 Datasheet HTML 1Page - Vectron International, Inc EX-385-DAD-ST3-F-10.000 Datasheet HTML 2Page - Vectron International, Inc EX-385-DAD-ST3-F-10.000 Datasheet HTML 3Page - Vectron International, Inc EX-385-DAD-ST3-F-10.000 Datasheet HTML 4Page - Vectron International, Inc EX-385-DAD-ST3-F-10.000 Datasheet HTML 5Page - Vectron International, Inc EX-385-DAD-ST3-F-10.000 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EX-380 Evacuated Miniature Oven Controlled Crystal Oscillator
5
Vectron International •
267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Recommended Reflow Profile
Handling Precautions
pre-heating
60 to 90 sec.
@ 140ºC to 160ºC
reflow
40 to 60 sec.
@ >183ºC
Note: EMXO's are precision subsystems with tolerances measured to ±0.001 ppm. The EX-38
1/5
series has been designed for pick and place reflow soldering. The suggested reflow profile is
shown above. The EX-38
1/5 may be reflowed one time in the non-inverted state. VI recommends
waiting at least two hours after reflow before measuring the unit.
Although protection circuitry has been designed into
this device, proper precautions should be taken to
avoid exposure to electrostatic discharge (ESD) dur-
ing handling and mounting. VI employs a human-body
model (HBM) and a charged-device model (CDM) for
ESD-susceptibility testing and protection design evalu-
ation. ESD voltage thresholds are dependent on the
circuit parameters used to define the mode. Although
no industry-wide standard has been adopted for the
CDM, a standard HBM (resistance = 1500 ohms,
capacitance = 100pf) is widely used and therefore can
be used for comparison purposes. The HBM ESD
threshold presented here was obtained by using these
circuit parameters.
ESD Threshold Voltage
Model
Threshold
Unit
Human-Body (HBM)
500
V min
Charged-Device
500
V min


Similar Part No. - EX-385-DAD-ST3-F-10.000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-30 PANASONIC-EX-30 Datasheet
1Mb / 6P
   Panasonic Electric Works of America
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A-PN PANASONIC-EX-31A-PN Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
More results

Similar Description - EX-385-DAD-ST3-F-10.000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com