Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-500-KAF-HNK-A1-B2 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # FX-500-KAF-HNK-A1-B2
Description  Low Jitter Frequency Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-500-KAF-HNK-A1-B2 Datasheet(HTML) 3 Page - Vectron International, Inc

  FX-500-KAF-HNK-A1-B2 Datasheet HTML 1Page - Vectron International, Inc FX-500-KAF-HNK-A1-B2 Datasheet HTML 2Page - Vectron International, Inc FX-500-KAF-HNK-A1-B2 Datasheet HTML 3Page - Vectron International, Inc FX-500-KAF-HNK-A1-B2 Datasheet HTML 4Page - Vectron International, Inc FX-500-KAF-HNK-A1-B2 Datasheet HTML 5Page - Vectron International, Inc FX-500-KAF-HNK-A1-B2 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FX-500 Low Jitter Frequency Translator
Vectron International •
267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
3
Outline Diagram
Pad Layout
Tape and Reel
A
E
C
D
B
G
F
J
L
I
K
H
Tape Dimensions
Reel Dimensions
# Per Reel
Product
A
B
C
D
E
F
G
H
I
J
K
L
FX-500
24
11.5
1.5
4
12
1.78
21
13
100
5
25
330
200
Tape and Reel Dimensions (mm)
FX-5
FX-500
00-LAC-GNK
-LAC-GNK
8K000/77M76
8K000/77M760
VI 142
VI 142
1
4
3
6
2
5
Pin #
Symbol
Function
1fIN
Input Frequency
2Tri-state1
Logic Low = Output Disable / Logic High = Output Enabled
3
GND
Case and Electrical Ground
4Fo
Output Frequency
5LD2
Lock Detect
6VDD
Power Supply Voltage (3.3 V ± 0.3 or 5.0 V ± 0.5)
Pin Out
1. Tristate is driven to logic high or logic low; there is no internal pull up or pull down resistor.
2. LD is an open collector output requiring a 30k ohm pullup resistor to VDD. LD output is logic high under locked condition, logic
low for no input at fIN, and for "out-of-lock" condition LD transitions between logic low and logic high at the phase detector frequency.


Similar Part No. - FX-500-KAF-HNK-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-500-DAE-KNNN VECTRON-FX-500-DAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAE-PNNN VECTRON-FX-500-DAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAT-KNNN VECTRON-FX-500-DAT-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-KNNN VECTRON-FX-500-EAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-PNNN VECTRON-FX-500-EAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
More results

Similar Description - FX-500-KAF-HNK-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com