Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK6481CH Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK6481CH
Description  8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6481CH Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK6481CH Datasheet HTML 1Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 2Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 3Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 4Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 5Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 6Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 7Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 8Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ASAHI KASEI
[AK6480C/81]
DAS04E-00
2005/03
- 1 -
AK6480C/81C
8Kbit Serial CMOS EEPROM
Features
ADVANCED CMOS EEPROM TECHNOLOGY
READ/WRITE NON-VOLATILE MEMORY
- Wide VCC (1.8V to 5.5V) operation
- 8192 bits: 512
× 16 organization
ONE CHIP MICROCOMPUTER INTERFACE
- Interface with one chip microcomputer’s serial communication port directly
LOW POWER CONSUMPTION
- 0.8
µA Max. (Standby mode)
HIGH RELIABILITY
- Endurance
: 1000K cycles/Address
- Data Retention
: 10 years
SPECIAL FEATURES
- 8 word Page Write Mode
- High speed operation
( fMAX=5MHz: VCC=4.5V to 5.5V )
- Automatic write cycle time-out with auto-ERASE (5ms Max.)
- Automatic address increment (READ)
- Ready/ Busy status signal
- Software and Hardware controlled write protection
IDEAL FOR LOW DENSITY DATA STORAGE
- Low cost, space saving, 8-pin package (SOP, SSOP, MSOP, SON)
Block diagram
CS
R/W AMPS
AND
AUTO ERASE
VPP
GENERATOR
VREF
VPP SW
DECODER
ADD.
BUFFERS
DATA
REGISTER
INSTRUCTION
DECODE,
CONTROL
AND
CLOCK
GENERATION
INSTRUCTION
REGISTER
EEPROM
8192bit
512 ×16
DI
SK
RESET
16
16
DO
RDY/BUSY


Similar Part No. - AK6481CH

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK648192D ACCUTEK-AK648192D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK6481CH

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
   CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
   CMOS SERIAL EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Seiko Instruments Inc
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
   CMOS SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com