Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK6481CM Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK6481CM
Description  8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6481CM Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK6481CM Datasheet HTML 1Page - Asahi Kasei Microsystems AK6481CM Datasheet HTML 2Page - Asahi Kasei Microsystems AK6481CM Datasheet HTML 3Page - Asahi Kasei Microsystems AK6481CM Datasheet HTML 4Page - Asahi Kasei Microsystems AK6481CM Datasheet HTML 5Page - Asahi Kasei Microsystems AK6481CM Datasheet HTML 6Page - Asahi Kasei Microsystems AK6481CM Datasheet HTML 7Page - Asahi Kasei Microsystems AK6481CM Datasheet HTML 8Page - Asahi Kasei Microsystems AK6481CM Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ASAHI KASEI
[AK6480C/81]
DAS04E-00
2005/03
- 5 -
Functional Description
The AK6480C/81C has 5 instructions such as READ, WRITE, Page Write, WREN (write enable)
and WRDS (write disable).
Each instruction is organized by op-code block (8bits), address block
(8bits) and data
(8bits x 2).
When input level of SK pin is high level and input level of chip
select ( CS ) pin is changed from high level to low level, AK6480C/81C can receive the
instructions.
When the instructions are executed consecutively, the CS pin should be brought to high level for
a minimum of 250ns(tCS) between consecutive instruction cycle.
Instruction Set For AK6480C
Instruction
Op-Code
Address
Data
WRITE
1 0 1 0 0 1 0 A8
A7 A6 A5 A4 A3 A2 A1 A0
D15 – D0
Page Write
1 0 1 1 0 1 0 A8
A7 A6 A5 A4 A3 A2 A1 A0
D15 – D0
READ
1 0 1 0 1 0 0 A8
A7 A6 A5 A4 A3 A2 A1 A0
D15 – D0
WREN
1 0 1 0 0 0 1 1
X
X
X
X
X
X
X
X
WRDS
1 0 1 0 0 0 0 0
X
X
X
X
X
X
X
X
(WRAL)
1 0 1 0 1 1 1 1
X
X
X
X
X
X
X
X
D15 – D0
X: don't care
Instruction Set For AK6481C
Instruction
Op-Code
Address
Data
WRITE
1 0 1 0 0 1 0 A0
A1 A2 A3 A4 A5 A6 A7 A8
D0 – D15
Page Write
1 0 1 1 0 1 0 A0
A1 A2 A3 A4 A5 A6 A7 A8
D0 – D15
READ
1 0 1 0 1 0 0 A0
A1 A2 A3 A4 A5 A6 A7 A8
D0 – D15
WREN
1 0 1 0 0 0 1 1
X
X
X
X
X
X
X
X
WRDS
1 0 1 0 0 0 0 0
X
X
X
X
X
X
X
X
(WRAL)
1 0 1 0 1 1 1 1
X
X
X
X
X
X
X
X
D0 – D15
X: don't care
(Note) The WRAL instruction is used for factory function test only.
User can't use this
instruction.


Similar Part No. - AK6481CM

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK648192D ACCUTEK-AK648192D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK6481CM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
   CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
   CMOS SERIAL EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Seiko Instruments Inc
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
   CMOS SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com