Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5358 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD5358
Description  96kHz 24-Bit ?誇 ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5358 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD5358 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5358 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5358 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5358 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5358 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5358 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5358 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5358 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5358 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ASAHI KASEI
[AK5358]
MS0438-E-00
2005/11
- 1 -
GENERAL DESCRIPTION
The AK5358 is a stereo A/D Converter with wide sampling rate of 8kHz
∼ 96kHz and is suitable for
consumer to professional audio system. The AK5358 achieves high accuracy and low cost by using
Enhanced dual bit
∆Σ techniques. The AK5358 requires no external components because the analog
inputs are single-ended. The audio interface has two formats (MSB justified, I
2S) and can correspond to
various systems like DTV, DVR and AV Receiver.
FEATURES
Linear Phase Digital Anti-Alias Filtering
Single-ended Input
Digital HPF for DC-Offset cancel
S/(N+D):
92dB
DR:
102dB
S/N:
102dB
Sampling Rate Ranging from 8kHz to 96kHz
Master Clock:
256fs/384fs/512fs/768fs (8kHz
∼ 48kHz)
256fs/384fs
(48kHz
∼ 96kHz)
Input level: CMOS
Master / Slave Mode
Audio Interface: 24bit MSB justified / I
2S selectable
Power Supply: 4.5 ∼ 5.5V (Analog), 2.7 ∼ 3.6V (Digital)
Ta =
−20 ∼ 85°C
Small 16pin TSSOP Package
AK5357/59/81 Pin-compatible
∆Σ
Modulator
MCLK
AINL
LRCK
SCLK
SDTO
DIF
VCOM
Clock Divider
AINR
AGND
VA
Decimation
Filter
Serial I/O
Interface
Voltage Reference
CKS1
DGND
VD
CKS2
∆Σ
Modulator
Decimation
Filter
PDN
CKS0
96kHz 24-Bit ∆Σ ADC
AK5358


Similar Part No. - AKD5358

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5358 AKM-AKD5358 Datasheet
175Kb / 20P
   AK5358 Evaluation Board Rev.0
AKD5358-B AKM-AKD5358-B Datasheet
175Kb / 20P
   AK5358 Evaluation Board Rev.0
AKD5358A AKM-AKD5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5358B AKM-AKD5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
More results

Similar Description - AKD5358

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com