Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX-240-DAC-208A-10.000 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # EX-240-DAC-208A-10.000
Description  Oven Controlled Crystal Oscillators (OCXO?셲)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-240-DAC-208A-10.000 Datasheet(HTML) 1 Page - Vectron International, Inc

  EX-240-DAC-208A-10.000 Datasheet HTML 1Page - Vectron International, Inc EX-240-DAC-208A-10.000 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
1
Oven Controlled Crystal Oscillators (OCXO’s)
EX-240 (EMXO™)
Description:
The EX-240 Series offers a ruggedized hybrid thick film construction in a low
profile, hermetically sealed 16 pin DDIL package, which can withstand severe
environmental conditions. This product series utilizes VI’s EMXOTM technology
resulting in excellent stability performance and fast warm-up with low power
consumption.
Features:
* Temperature Stability: to ±1 x 10-8 over 0°C to +50°C
* Acceleration Sensitivity: < 1 x 10-9 / g Total Gamma
* Low power consumption: < 0.7 W @ +25°C
* Shock: 1,000g’s peak, 0.5 ms
* Vibration: 20g peak to 2 kHz (Sine), 30 Grms overall to 2 kHz (Random)
Performance Characteristics
Frequency Range:
10 to 20.48 MHz
Package Size:
See next page for drawings and dimensions (reduced height option is available)
Supply Voltage:
(C) +5 Vdc ±5%, (D): +3.3 Vdc ±5%
Supply Current (Steady State):
<140 mA @ +25°C , <220 mA @ -40°C with +5V supply
<210 mA @ +25°C , <330 mA @ -40°C with +3.3V supply
(reduced current option is available)
Turn-on Current:
<500 mA with +5Vdc supply, <600 mA with +3.3 Vdc supply
Output Type:
(A) HCMOS
Level "0" and "1":
<0.4 Volts, >0.9 Vdd
Rise/Fall Time (10-90%):
<7 ns
Symmetry (Duty Cycle):
50/50 ±10% (at 50% Vdd)
Output Type:
(H) +3 dBm minimum into 50 ohms
Harmonics:
- 20 dBc
Spurious:
- 60 dBc
Temperature Stability:
B-108 = ± 10 ppb over 0°C to +50°C
C-208 = ± 20 ppb over 0°C to +70°C
(Note: Tighter stabilities and wider temperature
D-308 = ± 30 ppb over -20°C to +70°C
ranges are available, please consult factory.)
F-508 = ± 50 ppb over -40°C to +85°C
Aging (10MHz Typical):
<1x10-9 /day average, <1x10-7 / year average, <1x10-6 /10 years
Short-Term Stability (Allan Deviation):
<1x10-10, 0.1 seconds to 10 seconds
Phase Noise:
Offset
Phase Noise
(typical at 10 MHz, Static Condition)
10 Hz
-100 dBc/Hz
100 Hz
-130 dBc/Hz
1 kHz
-140 dBc/Hz
10 kHz
-145 dBc/Hz
100 kHz
-150 dBc/Hz
Frequency vs. Supply:
<2.5x10-9 per percent change
Warm-up (Restabilization):
Standard
Optional (consult factory)
(frequency relative to that 1 hour after turn-on,
<±1x10-6
60 seconds
45 seconds
following 24 hours off time, at +25°C)
<±1x10-7
120 seconds
90 seconds
Electrical Frequency Adjust:
>± 1ppm range with 0 to Vdd input voltage
Acceleration Sensitivity:
1x10-9/g Total Gamma, standard
(10 MHz)
5x10-10/g available at 10 MHz (consult factory)
Parameter
Characteristics


Similar Part No. - EX-240-DAC-208A-10.000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-245 VECTRON-EX-245 Datasheet
431Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
logo
Panasonic Semiconductor
EX-24A PANASONIC-EX-24A Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
EX-24A PANASONIC-EX-24A Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
EX-24A-PN PANASONIC-EX-24A-PN Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
EX-24A-PN PANASONIC-EX-24A-PN Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
More results

Similar Description - EX-240-DAC-208A-10.000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
   Oven Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com