Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4626A Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4626A
Description  High Performance Multi-channel Audio CODEC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4626A Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4626A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 9Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 10Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 11Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 12Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 13Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ASAHI KASEI
[AK4626A]
MS0397-E-00
2005/06
- 10 -
FILTER CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=4.5∼5.5V; TVDD=2.7∼5.5V; fs=48kHz)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 14)
±0.1dB
-0.2dB
-3.0dB
PB
0
-
-
20.0
23.0
18.9
-
-
kHz
kHz
kHz
Stopband
SB
28
kHz
Passband Ripple
PR
±0.04
dB
Stopband Attenuation
SA
68
dB
Group Delay
(Note 15)
GD
16
1/fs
Group Delay Distortion
∆GD
0
µs
ADC Digital Filter (HPF):
Frequency Response
(Note 14)
-3dB
-0.1dB
FR
1.0
6.5
Hz
Hz
DAC Digital Filter:
Passband
(Note 14)
-0.1dB
-6.0dB
PB
0
-
24.0
21.8
-
kHz
kHz
Stopband
SB
26.2
kHz
Passband Ripple
PR
±0.02
dB
Stopband Attenuation
SA
54
dB
Group Delay
(Note 15)
GD
19.2
1/fs
DAC Digital Filter + Analog Filter:
Frequency Response:
0
∼ 20.0kHz
40.0kHz
(Note 16)
80.0kHz
(Note 16)
FR
FR
FR
±0.2
±0.3
±1.0
dB
dB
dB
Notes:
14. The passband and stopband frequencies scale with fs.
For example, 21.8kHz at –0.1dB is 0.454 x fs.
15. The calculating delay time which occurred by digital filtering. This time is from setting the input of analog signal to
setting the 24bit data of both channels to the output register for ADC.
For DAC, this time is from setting the 20/24bit data of both channels on input register to the output of analog
signal.
16. 40.0kHz; fs=96kHz , 80.0kHz; fs=192kHz.
DC CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=4.5∼5.5V; TVDD=2.7∼5.5V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Output Voltage
(SDTO, LRCK, BICK pin:
Iout=-100µA)
(DZF1, DZF2/OVF pins:
Iout=-100µA)
Low-Level Output Voltage
(SDTO, DZF1, DZF2/OVF pins: Iout= 100µA)
(SDA, LRCK, BICK pin:
Iout= 3mA)
VOH
VOH
VOL
VOL
TVDD-0.5
AVDD-0.5
-
-
-
-
-
-
-
-
0.5
0.4
V
V
V
V
Input Leakage Current
(Note 17)
Iin
-
-
±10
µA
Note 17: TST2 pin has an internal pull-down device, nominally 100kohm.


Similar Part No. - AK4626A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
More results

Similar Description - AK4626A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com