Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4569VN Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4569VN
Description  20-Bit Stereo CODEC with IPGA & HP-AMP
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4569VN Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4569VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4569VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4569VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4569VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4569VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4569VN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4569VN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4569VN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4569VN Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ASAHI KASEI
[AK4569]
MS0292-E-01
2005/07
- 8 -
FILTER CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD, HVDD=2.5 ∼ 3.6V; fs=44.1kHz; DEM=OFF; BOOST=OFF)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (LPF):
Passband
(Note 15)
±0.1dB
−1.0dB
−3.0dB
PB
0
-
-
20.0
21.1
17.4
-
-
kHz
kHz
kHz
Stopband
(Note 15)
SB
25.7
kHz
Passband Ripple
PR
±0.1
dB
Stopband Attenuation
SA
65
dB
Group Delay
(Note 16)
GD
-
17.0
-
1/fs
Group Delay Distortion
∆GD
0
µs
ADC Digital Filter (HPF):
Frequency Response
(Note 15)
−3dB
−0.5dB
−0.1dB
FR
3.4
10
22
Hz
Hz
Hz
DAC Digital Filter: (Note 14)
Passband
(Note 15)
±0.1dB
−0.7dB
−6.0dB
PB
0
-
-
20.0
22.05
19.6
-
-
kHz
kHz
kHz
Stopband
(Note 15)
SB
25.2
kHz
Passband Ripple
PR
±0.01
dB
Stopband Attenuation
SA
59
dB
Group Delay
(Note 16)
GD
-
16.8
-
1/fs
Group Delay Distortion
∆GD
0
µs
DAC Digital Filter + Analog Filter: (Note 14)(Note 17)
Frequency Response
0
∼ 20.0kHz
FR
-
±1.0
-
dB
BOOST Filter:
(Note 17) (Note 18)
MIN
20Hz
100Hz
1kHz
FR
-
-
-
5.74
2.92
0
-
-
-
dB
dB
dB
MID
20Hz
100Hz
1kHz
FR
-
-
-
5.94
4.71
0.14
-
-
-
dB
dB
dB
Frequency Response
MAX
20Hz
100Hz
1kHz
FR
-
-
-
16.04
10.55
0.3
-
-
-
dB
dB
dB
Note 14. BOOST OFF (BST1-0 = “00”)
Note 15. The passband and stopband frequencies scale with fs.
For example (DAC), PB=0.44*fs(@
±0.1dB), SB=0.57*fs(@−59dB).
Note 16. This is the calculated delay time caused by digital filtering. This time is measured from the input of analog signal
to setting the 20 bit data of both channels on input register to the output register of ADC. This time also includes
group delay of HPF. For DAC, this time is from setting the 20 bit data of both channels on input register to the
output of analog signal.
Note 17. DACL
HPL, DACR
HPR, DACL/R
MOUT.
Note 18. These frequency responses scale with fs. If high-level signal is input, the AK4569 clips at low frequency.


Similar Part No. - AK4569VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4560AVQ AKM-AK4560AVQ Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4561VQ AKM-AK4561VQ Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
More results

Similar Description - AK4569VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4566 AKM-AK4566 Datasheet
437Kb / 45P
   20bit Stereo CODEC with built-in IPGA & HP-AMP
AK4665A AKM-AK4665A Datasheet
527Kb / 52P
   20-Bit Stereo CODEC with MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com