Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4182VN Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4182VN
Description  Touch Screen Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4182VN Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4182VN Datasheet HTML 1Page - Asahi Kasei Microsystems AK4182VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4182VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4182VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4182VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4182VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4182VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4182VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4182VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ASAHI KASEI
[AK4182]
MS0411-E-00
2005/08
3
Pin/Function
No.
Signal Name
I/O
Description
1
VCC
-
Power Supply
2
XP
I/O
Touch Screen X+ plate Voltage supply
X axis Measurement: Supplies the voltage to X+ position input
Y axis Measurement: This pin is used as the input for the A/D converter
Pen Pressure Measurement: This pin is the input for the A/D converter at Z1 measurement.
Temperature/VBAT/IN Measurement: OPEN state
Pen Waiting State: Pulled up by an internal resistor (typ.50K
Ω).
3
YP
I/O
Touch Screen Y+ plate Voltage supply
Y axis Measurement: Supplies the voltage to Y+ position input
X axis Measurement: This pin is used as the input for the A/D converter
Pen Pressure Measurement: Supplies the voltage.
Temperature/VBAT/IN Measurement: OPEN state
Pen Waiting State: OPEN state
4
XN
I/O
Touch Screen X- plate Voltage supply
X axis Measurement: Supplies the voltage to X- position input
Y axis Measurement: OPEN state
Pen Pressure Measurement: Supplies the voltage.
Temperature/VBAT/IN Measurement: OPEN state
5
YN
I/O
Touch Screen Y- plate Voltage supply
Y axis Measurement: Supplies the voltage to Y- position input
X axis Measurement: OPEN state
Pen Pressure Measurement: This pin is the input for the A/D converter at Z2 measurement.
Temperature/VBAT/IN Measurement: OPEN state
Pen Waiting State: connected to GND.
6
GND
-
Ground
7
VBAT
I
Analog Input for Battery Monitor
8
IN
I
Auxiliary Analog Input
9
VREF
I/O
Voltage Reference Input/Output
2.5V reference voltage output at PD1 = “1”. Voltage reference input at PD1 = “0”.
10
IOVDD
Digital I/O Power Supply
11
PENIRQN
O
Pen Interrupt Output
This pin is “L” during the pen down on pen interrupt enable state with CSN =“H” otherwise this
pin is “H”. This pin is “H” during pen interrupt disable state with the CSN = “H” regardless pen
touch. See
Power-down Control and
Pen Interrupt for the reference.
12
DOUT
O
Serial A/D Data Output
Output A/D data serially at the falling edge of DCLK. MSB is output at the falling edge of
BUSY signal.
Output “L” at CSN= “L” during A/D data does not output.
This pin is Hi-Z state at CSN=”H”
13
BUSY
O
BUSY Output
This pin goes to low at CSN = “L”. BUSY signal is “H” only for the period between the falling
edge of 8
th DCLK and the falling edge of 9th DCLK.
This pin is Hi-Z state at CSN= “H”
14
DIN
I
Serial Data Input
Inputs 8-bit control command data serially when CSN= “L”
AK4182 latches at the rising edge of DCLK. Must keep “L” while not issuing commands.
15
CSN
I
Chip Select Input
Enables writing data to the registers when CSN= “L”.
16
DCLK
I
External Clock Input


Similar Part No. - AK4182VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4182A AKM-AK4182A Datasheet
179Kb / 18P
   Touch Screen Controller
AK4182A AKM-AK4182A Datasheet
604Kb / 9P
   touch screen controller
AK4182A AKM-AK4182A Datasheet
394Kb / 18P
   Evaluation Board
AK4182A-A AKM-AK4182A-A Datasheet
605Kb / 9P
   Evaluation Board
AK4182AVN AKM-AK4182AVN Datasheet
179Kb / 18P
   Touch Screen Controller
More results

Similar Description - AK4182VN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com