Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTE5066UR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE5066UR
Description  Metal Can Red Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE5066UR Datasheet(HTML) 1 Page - Marktech Corporate

  MTE5066UR Datasheet HTML 1Page - Marktech Corporate MTE5066UR Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal Can Red Emitter
MTE5066−UR
Features
High output power
High reliability
Applications
Color sensor (Money−bill)
Paper Sensor (Money−bill)
Bar code reader
Fiber applications
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Test Condition Unit
Forward Current
IF
50
mA
Pulsed Forward
Current
T=10mS
IFP
.50
tw=10
µ S,
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
110.00
mW
Operating
Temperature
Topr
−20 ~ +85
o
C
Storage Temperature
Tstg
−30 ~ +100
o
C
Junction Temperature
Tj
100
o
C
Soldering
Temperature
Tsol
260
for 5 sec. max
o
C
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
1.80
2.20
V
Reverse Current
IR
VR=5V
100
µ A
Power Output
PO
IF=20mA
1.50
3.00
mW
Half Intensity Beam Angle
θ
± 20
o
deg.
Peak Wavelength
λp
IF=20mA
660
nm
Dominant Wavelength
λd
IF=20mA
643
nm
Spectral Line Half Width
∆λ
IF=20mA
20
nm
Rise Time
Tr
IFP=20mA
30.00
ns
Fall Time
Tf
IFP=20mA
30.00
ns
Temp Coefficient of PO
P/T
IF=10mA
−.50
%/°C
Temp Coefficient of VF
V/T
IF=10mA
−1.50
mV/°C
Junction Capacitance
Cj
1MHz, V=0
20
pF
Specification is subject to change without notice.
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTE5066UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5066C MARKTECH-MTE5066C Datasheet
582Kb / 4P
   Visible Red Emitter
MTE5066C MARKTECH-MTE5066C Datasheet
582Kb / 4P
   Visible Red Emitter
MTE5066C-UR MARKTECH-MTE5066C-UR Datasheet
558Kb / 4P
   Peak Emission Wavelength: 660nm
MTE5066CJ MARKTECH-MTE5066CJ Datasheet
554Kb / 4P
   Visible Red Emitter
MTE5066CJ MARKTECH-MTE5066CJ Datasheet
554Kb / 4P
   Visible Red Emitter
More results

Similar Description - MTE5066UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
69Kb / 2P
   Metal Can Red Emitter
MT108J-UR MARKTECH-MT108J-UR Datasheet
58Kb / 2P
   Domed Metal Can Red Emitter
MT5050W-UG MARKTECH-MT5050W-UG Datasheet
56Kb / 2P
   Metal Can Green Emitter
MT5260N-UG MARKTECH-MT5260N-UG Datasheet
54Kb / 2P
   Metal Can Green Emitter
MT5260W-UG MARKTECH-MT5260W-UG Datasheet
57Kb / 2P
   Metal Can Green Emitter
MTE8080N3 MARKTECH-MTE8080N3 Datasheet
60Kb / 2P
   Metal Can Infrared Emitter
MT3740N2-WT MARKTECH-MT3740N2-WT Datasheet
55Kb / 2P
   Metal Can White Emitter
MT5260N2-UG MARKTECH-MT5260N2-UG Datasheet
54Kb / 2P
   Metal Can Green Emitter
MTE8720W MARKTECH-MTE8720W Datasheet
97Kb / 2P
   Metal Can IR Emitter
MTE4094D MARKTECH-MTE4094D Datasheet
58Kb / 2P
   Metal Can IR Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com