Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6219A50APL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6219A50APL
Description  High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219A50APL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6219A50APL Datasheet HTML 1Page - Torex Semiconductor XC6219A50APL Datasheet HTML 2Page - Torex Semiconductor XC6219A50APL Datasheet HTML 3Page - Torex Semiconductor XC6219A50APL Datasheet HTML 4Page - Torex Semiconductor XC6219A50APL Datasheet HTML 5Page - Torex Semiconductor XC6219A50APL Datasheet HTML 6Page - Torex Semiconductor XC6219A50APL Datasheet HTML 7Page - Torex Semiconductor XC6219A50APL Datasheet HTML 8Page - Torex Semiconductor XC6219A50APL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
4
R000026
XC6219 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
MARKING RULE
SOT-25 (SOT-23-5)
1 Represents product series
MARK
PRODUCT SERIES
L
XC6219xxxxMx
SOT-25 (TOP VIEW)
2 Represents type of regulator
MARK
VOUT 100mV STEPS
VOUT 50mV STEPS
VOUT:0.1~3.0V
VOUT:3.1~6.0V
VOUT:0.15~3.05V
VOUT:3.15~6.05V
PRODUCT SERIES
V
A
E
L
XC6219AxxxMx
X
B
F
M
XC6219BxxxMx
Y
C
H
N
XC6219CxxxMx
Z
D
K
P
XC6219DxxxMx
3 Represents output voltage
MARK
OUTPUT VOLTAGE
MARK
OUTPUT VOLTAGE
0
-
3.1
-
3.15
F
1.6
4.6
1.65
4.65
1
-
3.2
-
3.25
H
1.7
4.7
1.75
4.75
2
-
3.3
-
3.35
K
1.8
4.8
1.85
4.85
3
-
3.4
-
3.45
L
1.9
4.9
1.95
4.95
4
-
3.5
-
3.55
M
2.0
5.0
2.05
5
-
3.6
-
3.65
N
2.1
2.15
6
-
3.7
-
3.75
P
2.2
2.25
7
-
3.8
-
3.85
R
2.3
2.35
8
0.9
3.9
0.95
3.95
S
2.4
2.45
9
1.0
4.0
1.05
4.05
T
2.5
2.55
A
1.1
4.1
1.15
4.15
U
2.6
2.65
B
1.2
4.2
1.25
4.25
V
2.7
2.75
C
1.3
4.3
1.35
4.35
X
2.8
2.85
D
1.4
4.4
1.45
4.45
Y
2.9
2.95
E
1.5
4.5
1.55
4.55
Z
3.0
3.05
4 Represents production lot number
0 to 9, A to Z, reverse character of 0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
1234


Similar Part No. - XC6219A50APL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219A091DL TOREX-XC6219A091DL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219A091DR TOREX-XC6219A091DR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219A091ML TOREX-XC6219A091ML Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219A091MR TOREX-XC6219A091MR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219A091PL TOREX-XC6219A091PL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results

Similar Description - XC6219A50APL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com