Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTBL2126-G Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTBL2126-G
Description  Marktech Surface View COB 94.5 x 17.0mm Backlighter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTBL2126-G Datasheet(HTML) 1 Page - Marktech Corporate

  MTBL2126-G Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Marktech Surface View COB 94.5 x 17.0mm Backlighter
Features
Design flexibility − Available in a variety sizes and colors to suit most any application.
Durable Acrylic Panel − Offers sturdy mechanical support and device stability.
Long lifetimes − Typically 100k hours.
Low power consumption − Uses far less power than standard incandescent EL or CCFL light sources.
Applications
Backlighting LCD Displays; Panels and Symbols
Illumination of Large Surface Areas
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
min.
typ.
max.
IF@
min.
typ.
max.
IF@
MTBL2126−G
574
InGaAlP
245.00−
20mA−
4.10−
20mA
nm
deg
mcd
V
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTBL2126-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTBL2121-G MARKTECH-MTBL2121-G Datasheet
266Kb / 1P
   Marktech Surface View COB 75.1 x 39.8mm Backlighter
MTBL2122-G MARKTECH-MTBL2122-G Datasheet
251Kb / 1P
   Marktech Surface View COB 101.0 x 25.0mm Backlighter
MTBL2124-G MARKTECH-MTBL2124-G Datasheet
115Kb / 2P
   Marktech Surface View COB 65.0 x 18.0mm Backlighter
MTBL2125-G MARKTECH-MTBL2125-G Datasheet
291Kb / 1P
   Marktech Surface View COB 80.0 x 27.2mm Backlighter
More results

Similar Description - MTBL2126-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTBL2119-G MARKTECH-MTBL2119-G Datasheet
105Kb / 1P
   Marktech Surface View COB 72.0 x 48.0mm Backlighter
MTBL2121-G MARKTECH-MTBL2121-G Datasheet
266Kb / 1P
   Marktech Surface View COB 75.1 x 39.8mm Backlighter
MTBL2130-G MARKTECH-MTBL2130-G Datasheet
508Kb / 1P
   Marktech Surface View COB 38.0 x 16.3mm Backlighter
MTBL2122-G MARKTECH-MTBL2122-G Datasheet
251Kb / 1P
   Marktech Surface View COB 101.0 x 25.0mm Backlighter
MTBL2137-G MARKTECH-MTBL2137-G Datasheet
170Kb / 1P
   Marktech Surface View COB 78.0 x 16.2mm Backlighter
MTBL2311-G2 MARKTECH-MTBL2311-G2 Datasheet
174Kb / 1P
   Marktech Surface View COB 135.0 x 42.0mm Backlighter
MTBL2118-G MARKTECH-MTBL2118-G Datasheet
183Kb / 1P
   Marktech Surface View COB 86.0 x 21.5mm Backlighter
MTBL2135-G MARKTECH-MTBL2135-G Datasheet
231Kb / 1P
   Marktech Surface View COB 102.2 x 26.0mm Backlighter
MTBL2312-G MARKTECH-MTBL2312-G Datasheet
118Kb / 1P
   Marktech Surface View COB 133.0 x 40.0mm Backlighter
MTBL2409-G MARKTECH-MTBL2409-G Datasheet
117Kb / 1P
   Marktech Surface View COB 121.5 x 24.5mm Backlighter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com