Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C410MAAE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C410MAAE
Description  Clock Generator for Intel PCI Express Mobile Chipset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410MAAE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C410MAAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C410MAAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C410MAAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C410MAAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C410MAAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410MAAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410MAAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410MAAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410MAAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
PS8736C
12/19/05
Features
• 14.318 MHz Crystal Input
• Selectable of 100, 133, 166, 200, 266, 333, and 400 MHz
CPU Output Frequencies
• SMBus: Power Management Control
• Spread Spectrum support (-0.5% down spread)
• Packaging (Pb-free & Green available):
— 56-Pin TSSOP
Output Features
• Two Pairs of Differential CPU Clocks
• One selectable of CPU/SRC Clock
• Seven Pairs of SRC Clocks
• Six PCI Clocks
• One 48 MHz USB clock
• One REF clock
• One 96 MHz Differential clock
Description
PI6C410M is a high-speed, low-noise clock generator designed
to work with the Intel Mobile PCI Express Chipset. This Spread
Spectrum PLL based clock generator reduces EMI emission and
supports a wide range of frequencies.
Jitter Performance
• < 85ps Cycle-to-Cycle CPU 0/1 clock jitter
• < 125ps Cycle-to-Cycle CPU 2 clock jitter
• < 350ps Cycle-to-Cycle 48 MHz clock jitter
• < 500ps Cycle-to-Cycle PCI clock jitter
• < 125ps Cycle-to-Cycle SRC clock jitter
• < 1000ps Cycle-to-Cycle REF clock jitter
Skew Performance
• < 100ps Output-to-output CPU 0/1 clock skew
• < 150ps Output-to-output CPU 2 clock skew
• < 500ps Output-to-output PCI clock skew
• < 250ps Output-to-output SRC clock skew
Block Diagram
Pin Configuration
PI6C410M/410MA
Clock Generator for Intel PCI Express Mobile Chipset
PCI_2
PCI_STOP#
CPU_STOP#
FS_C / TEST_SEL
REF
VSS_REF
XTAL_IN
XTAL_OUT
VDD_REF
SDA
SCL
VSS_CPU
CPU_0
CPU_0#
VDD_CPU
CPU_1
CPU_1#
IREF
VSS_A
VDD_A
CPU2_ITP / SRC7
CPU2_ITP# / SRC7#
VDD_SRC
SRC_6
SRC_6#
SRC_5
SRC_5#
VSS_SRC
VDD_PCI
VSS_PCI
PCI_3
PCI_4
PCI_5
VSS_PCI
VDD_PCI
PCIF_0 / ITP_EN
PCIF_1
VTT_PWRGD# / PWRDWN
VDD_48
USB_48/FS_A
VSS_48
DOT_96
DOT_96#
FS_B / TEST_MODE
SRC_0
SRC_0#
SRC_1
SRC_1#
VDD_SRC
SRC_2
SRC_2#
SRC_3
SRC_3#
SRC_4
SRC_4#
VDD_SRC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PLL 1
C
O
N
T
R
O
L
USB_48 / FS_A
FS_B / TEST_MODE
VTT_PWRGD#
/ PWRDWN
Div
Div
Div
FS_C / TEST_SEL
PCI_STOP#
CPU_STOP#
XTAL
OSC
SMBus
Logic
REF
DOT_96
DOT 96#
USB_48 / FS_A
XTAL_IN
XTAL_OUT
SDA
SCL
PLL 2
/2
PCIF_0 / ITP_EN
PCI [2:5]
PCIF[0:1]
SRC [0:6]
SRC [0:6]#
CPU[0:1]
CPU[0:1]#
CPU2_ITP / SRC7
CPU2_ITP# / SRC7#


Similar Part No. - PI6C410MAAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410 PERICOM-PI6C410 Datasheet
711Kb / 16P
   Clock Generator for Intel PCI-Express Desktop Chipset
PI6C410A PERICOM-PI6C410A Datasheet
711Kb / 16P
   Clock Generator for Intel PCI-Express Desktop Chipset
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410BAE PERICOM-PI6C410BAE Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410BVE PERICOM-PI6C410BVE Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
More results

Similar Description - PI6C410MAAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410 PERICOM-PI6C410 Datasheet
711Kb / 16P
   Clock Generator for Intel PCI-Express Desktop Chipset
logo
Renesas Technology Corp
SLG84901 RENESAS-SLG84901 Datasheet
816Kb / 22P
   Clock Synthesizer for Intel PCI-Express Gen3 Chipset
February 23, 2023
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com