Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML61X193XX Datasheet(PDF) 6 Page - Minilogic Device Corporation Limited

Part # ML61X193XX
Description  Series Positive Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61X193XX Datasheet(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML61X193XX Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61X193XX Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61X193XX Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61X193XX Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61X193XX Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61X193XX Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61X193XX Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61X193XX Datasheet HTML 9Page - Minilogic Device Corporation Limited ML61X193XX Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ML61
Functional Description (Refers to CMOS Output)
1. Firstly, when a voltage, higher than the
Release Voltage (VDR) , is applied to the
Voltage Input pin (VIN), that voltage will
gradually fall. When a voltage higher than
the Detect Voltage (VDF) is applied to the
Input Voltage pin (VIN), output at VOUT
will be equal to the input at the VIN pin.
High impedance exists on the Output pin
(VOUT) with the N-channel open drain
configuration. If the pin is pulled-up. VOUT
will be identical to the pull-up voltage.
2. When the input Voltage (VIN) falls below
the Detect Voltage (VDF) level, the Output
Voltage (VOUT) is equal to the Ground
Voltage (VSS) level (detect state). Also
applicable to N-channel open drain
configuration.
3. When the Input Voltage (VIN) falls below
the Minimum Operating Voltage (VMIN)
level, output becomes unstable. In the case
of N-channel open drain configuration, as
the output pin is generally pulled-up, the
output will be equal to the pull-up
voltage.
4. When the Input Voltage (VIN) rises, output
become stable once the voltage has
exceeded VMIN. The Output Voltage (VOUT)
will remain equal to the Ground Voltage
(VSS) level until the Input Voltage (VIN)
reaches the Detect Release Voltage (VDR)
level.
5. When the Input Voltage (VIN) rises above
the Detect Release Voltage (VDR) level,
output at the Output pin (VOUT) is equal to
VIN. (High impedance exists with the
N-channel open drain output
configuration and VOUT follows the
pull-up voltage.)
Notes :
1. The difference between VDR and VDF
represents the Hysteresis Range.
2. The Propagation Delay Time (tDLY)
represents the time it takes for the Input
Voltage (VIN) to appear at the Output pin
(VOUT), once the said voltage has exceeded
the Release Voltage (VDR) level.
Timing Diagram
P6/14


Similar Part No. - ML61X193XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML61X193XX MINILOGIC-ML61X193XX Datasheet
499Kb / 13P
   Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
More results

Similar Description - ML61X193XX

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC61 FS-FC61 Datasheet
460Kb / 13P
   Positive Voltage Detector
logo
Minilogic Device Corpor...
ML6102 MINILOGIC-ML6102 Datasheet
389Kb / 11P
   Positive Voltage Detector (Inverted Output)
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com