Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WCMA1016U4X-FF55 Datasheet(PDF) 6 Page - Weida Semiconductor, Inc.

Part # WCMA1016U4X-FF55
Description  64K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMA1016U4X-FF55 Datasheet(HTML) 6 Page - Weida Semiconductor, Inc.

Back Button WCMA1016U4X-FF55 Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMA1016U4X-FF55 Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMA1016U4X-FF55 Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMA1016U4X-FF55 Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMA1016U4X-FF55 Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMA1016U4X-FF55 Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMA1016U4X-FF55 Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMA1016U4X-FF55 Datasheet HTML 9Page - Weida Semiconductor, Inc. WCMA1016U4X-FF55 Datasheet HTML 10Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
WCMA1016U4X
Switching Waveforms
Notes:
11. Device is continuously selected. OE, CE = VIL, BHE and/or BLE = VIL.
12. WE is HIGH for read cycle.
13. Address valid prior to or coincident with CE, BHE, BLE, transition LOW.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
Read Cycle No. 1(Address Transition Controlled)
[11, 12]
Read Cycle No. 2 (OE Controlled)
[12, 13]
50%
50%
DATA VALID
tRC
tACE
tLZBE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
CE
HIGH
VCC
SUPPLY
CURRENT
tHZBE
BHE/BLE
tLZOE
ADDRESS
tDOE
tDBE


Similar Part No. - WCMA1016U4X-FF55

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-GF55 WEIDA-WCMA1008C1X-GF55 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-GF70 WEIDA-WCMA1008C1X-GF70 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-TF55 WEIDA-WCMA1008C1X-TF55 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-TF70 WEIDA-WCMA1008C1X-TF70 Datasheet
211Kb / 11P
   128K x 8 Static RAM
More results

Similar Description - WCMA1016U4X-FF55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com