Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WCMA2016U4B Datasheet(PDF) 1 Page - Weida Semiconductor, Inc.

Part # WCMA2016U4B
Description  128K x 16 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMA2016U4B Datasheet(HTML) 1 Page - Weida Semiconductor, Inc.

  WCMA2016U4B Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMA2016U4B Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMA2016U4B Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMA2016U4B Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMA2016U4B Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMA2016U4B Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMA2016U4B Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMA2016U4B Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMA2016U4B Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
128K x 16 Static RAM
WCMA2016U4B
1*WCMA2016U4B
Features
• High Speed
— 55ns and 70ns speed availability
• Low Voltage range:
— 2.7V-3.3V
• Ultra-low active power
— Typical active current: 1.5 mA @ f = 1MHz
— Typical active current: 7 mA @ f = fmax
• Low standby power
• Easy memory expansion with CE and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
Functional Description
The WCMA2016U4B is a high-performance CMOS static
RAMs organized as 128K words by 16 bits. These devices
feature advanced circuit design to provide ultra-low active cur-
rent. This device is ideal for portable applications such as cel-
lular telephones. The devices also have an automatic pow-
er-down feature that significantly reduces power consumption
by 80% when addresses are not toggling. The device can also
be put into standby mode reducing power consumption by
more than 99% when deselected (CE HIGH or both BLE and
BHE are HIGH). The input/output pins (I/O0 through I/O15) are
placed in a high-impedance state when: deselected (CE
HIGH), outputs are disabled (OE HIGH), both Byte High En-
able and Byte Low Enable are disabled (BHE, BLE HIGH), or
during a write operation (CE LOW, and WE LOW).
Writing to the device is accomplished by taking Chip Enable
(CE ) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE ) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A16). If Byte High Enable (BHE ) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A16).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O0 to I/O7. If Byte High Enable (BHE ) is
LOW, then data from memory will appear on I/O8 to I/O15. See
the truth table at the back of this data sheet for a complete
description of read and write modes.
The WCMA2016U4B is available in a 48-ball FBGA package.
Logic Block Diagram
128K x 16
RAM Array
I/O0 – I/O7
A8
A7
A6
A5
A2
COLUMN DECODER
2048 x 1024
DATA IN DRIVERS
OE
A4
A3
I/O8 – I/O15
CE
WE
BLE
BHE
A0
A1
A9
Power
-Down
Circuit
BHE
BLE
CE
A 10
10


Similar Part No. - WCMA2016U4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
WCMA2016U4X-FF70 ETC1-WCMA2016U4X-FF70 Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results

Similar Description - WCMA2016U4B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
logo
Weida Semiconductor, In...
WCMB2016R4X WEIDA-WCMB2016R4X Datasheet
214Kb / 11P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com