Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML62552 Datasheet(PDF) 11 Page - Minilogic Device Corporation Limited

Part # ML62552
Description  Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62552 Datasheet(HTML) 11 Page - Minilogic Device Corporation Limited

Back Button ML62552 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62552 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62552 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62552 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62552 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML62552 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML62552 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML62552 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML62552 Datasheet HTML 13Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Page 11
SOT-89 Taping Specifications :
Direction of feed
“R” type
[Orientation of Device: Right]
Standard Type
SOT-89 :
SIZE (mm)
A
∅ 178 ± 0.8
B
2
± 0.2
C
∅ 13 ± 0.2
D
∅ 21 ± 0.8
G
12
± 0.5
H
∅ 60
1,000 pcs / reel
4.0
± 0.1
8.0
± 0.1
2.0
± 0.05
∅ 1.5
+ 0.1
0
“L” type
[Orientation of Device: Left]
Reverse Type
Direction of feed


Similar Part No. - ML62552

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62552 MINILOGIC-ML62552 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
More results

Similar Description - ML62552

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com