Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML62472 Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

Part # ML62472
Description  Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62472 Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML62472 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML62472 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML62472 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML62472 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62472 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62472 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62472 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62472 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62472 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Page 5
v Electrical Characteristics
ML62502 VOUT(T)=5.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=6.0V
4.900
5.000
5.100
V
1
Maximum Output Current
IOUT max
VIN=6.0V, VOUT(E)
≥ 4.5V
250
mA
1
Load Stability
∆VOUT
VIN=6.0V, 1mA
≤IOUT≤100mA
40
80
mV
1
Vdif1
IOUT=100mA
120
400
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
380
750
mV
1
Supply Current
ISS
VIN=6.0V
3.3
4.5
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
6.0V
≤VIN≤10.0V
0.2
0.3
%V
1
Input Voltage
VIN
10
V
-
ML62402 VOUT(T)=4.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=5.0V
3.920
4.000
4.080
V
1
Maximum Output Current
IOUT max
VIN=5.0V, VOUT(E)
≥3.6V
200
mA
1
Load Stability
∆VOUT
VIN=5.0V, 1mA
≤IOUT≤100mA
45
90
mV
1
Vdif1
IOUT=90mA
170
400
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=180mA
400
750
mV
1
Supply Current
ISS
VIN=5.0V
3.0
4.5
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
5.0V
≤VIN≤10.0V
0.2
0.3
%V
1
Input Voltage
VIN
10
V
-
ML62302 VOUT(T)=3.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=4.0V
2.940
3.000
3.060
V
1
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E)
≥2.7V
150
mA
1
Load Stability
∆VOUT
VIN=4.0V, 1mA
≤IOUT≤80mA
45
90
mV
1
Vdif1
IOUT=80mA
180
450
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=150mA
400
850
mV
1
Supply Current
ISS
VIN=4.0V
2.8
4.5
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
4.0V
≤VIN≤10.0V
0.2
0.3
%V
1
Input Voltage
VIN
10
V
-
ML62202 VOUT(T)=2.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=3.0V
1.960
2.000
2.040
V
1
Maximum Output Current
IOUT max
VIN=3.0V, VOUT(E)
≥1.8V
100
mA
1
Load Stability
∆VOUT
VIN=3.0V, 1mA
≤IOUT≤60mA
45
90
mV
1
Vdif1
IOUT=60mA
180
450
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=100mA
400
850
mV
1
Supply Current
ISS
VIN=3.0V
2.5
4.5
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
3.0V
≤VIN≤10.0V
0.2
0.3
%V
1
Input Voltage
VIN
10
V
-
Note : 1. VOUT(T) = Specified Output Voltage.
2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when (VOUT(T)+1.0V) is provided at the VIN pin
while maintaining a certain IOUT value).
3. Vdif = VIN1(Note 4) – VOUT(E)
4. VIN1 = The input voltage at the time 98% of VOUT (E) is output (input voltage has been gradually reduced).


Similar Part No. - ML62472

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62472 MINILOGIC-ML62472 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
More results

Similar Description - ML62472

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com