Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6219B132ML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6219B132ML
Description  High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219B132ML Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6219B132ML Datasheet HTML 2Page - Torex Semiconductor XC6219B132ML Datasheet HTML 3Page - Torex Semiconductor XC6219B132ML Datasheet HTML 4Page - Torex Semiconductor XC6219B132ML Datasheet HTML 5Page - Torex Semiconductor XC6219B132ML Datasheet HTML 6Page - Torex Semiconductor XC6219B132ML Datasheet HTML 7Page - Torex Semiconductor XC6219B132ML Datasheet HTML 8Page - Torex Semiconductor XC6219B132ML Datasheet HTML 9Page - Torex Semiconductor XC6219B132ML Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
6
R000026
XC6219 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta=25OC
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
7.0
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS – 0.3 ~ VIN + 0.3
V
CE Pin Voltage
VCE
VSS – 0.3 ~ VIN + 0.3
V
SOT-25
250
SOT-89
500
Power Dissipation
USP-6B
Pd
100
mW
Operating Temperature Range
Topr
- 40 ~ + 85
O
C
Storage Temperature Range
Tstg
- 55 ~ + 125
O
C
Current
Limit
ON/OFF
Control
Voltage
Reference
each circuit
CE
VSS
VOUT
VIN
R2
R1


Similar Part No. - XC6219B132ML

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6219B122MR TECHPUBLIC-XC6219B122MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
XC6219B122MR TECHPUBLIC-XC6219B122MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
XC6219B152MR TECHPUBLIC-XC6219B152MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
XC6219B152MR TECHPUBLIC-XC6219B152MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
XC6219B182MR TECHPUBLIC-XC6219B182MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
More results

Similar Description - XC6219B132ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com