Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3010N Datasheet(PDF) 3 Page - Integral Corp.

Part # INA3010N
Description  INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

INA3010N Datasheet(HTML) 3 Page - Integral Corp.

  INA3010N Datasheet HTML 1Page - Integral Corp. INA3010N Datasheet HTML 2Page - Integral Corp. INA3010N Datasheet HTML 3Page - Integral Corp. INA3010N Datasheet HTML 4Page - Integral Corp. INA3010N Datasheet HTML 5Page - Integral Corp. INA3010N Datasheet HTML 6Page - Integral Corp. INA3010N Datasheet HTML 7Page - Integral Corp. INA3010N Datasheet HTML 8Page - Integral Corp. INA3010N Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
INA3010
3
FUNCTIONAL DESCRIPTION
Keyboard operation
Every connection of one X-input and one DR-output will be recognized as a legal key
operation and will cause the device to generate the corresponding code. The same applies
to every connection of one Z-input to one DR-output with the7 proviso that SSM must be
LOW. When SSM is HIGH a wired connection must exist between a Z-input and a DR-
output. If no connection is present the system number will not be generated. Activating two
or more X-inputs, Z-inputs or Z-inputs and X-inputs at the same time is an illegal action
and inhibits further activity (oscillator will not start).
When one X- or Z-input is connected to more than one DR-output, the last scan signal will
be considered as legal.
The maximum value of the contact series resistance of the switched keyboard is 7 kW.
Inputs
In the quiescent state the command inputs X0 to X7 are held HIGH by an internal pull-up
transistor. When the system mode selection (SSM) input is LOW and the system is
quiescent, the system inputs Z0 to Z3 are also held HIGH by an internal pull-up transistor.
When SSM is HIGH the pull-up transistor for the Z-inputs is switched off, in order to
prevent current flow, and a wired connection in the Z-DR matrix provides the system
number.
Outputs
The output signal DATA transmits the generated information in accordance with the format
illustrated by Fig.3. The code is transmitted using a biphase technique as illustrated by
Fig.4. The code consists of four parts:
· Start part -1.5 bits (2 ´ logic 1)
· Control part -1 bit
· System part -5 bits
· Command part -6 bits
The output signal MDATA transmits the generated information modulated by 1/12 of the
oscillator frequency with a 50%
duty factor.
In the quiescent state both DATA and MDATA are non-conducting (3-state outputs).
The scan driver outputs DR0 to DR7 are open drain n-channel transistors and conduct
when the circuit is quiescent. After a legal key operation the scanning cycle is started and
the outputs switched to the conductive state one by one. The DR-outputs were switched
off at the end of the preceding debounce cycle.
Command matrix (X-DR)
Code
X-lines
DR-lines
Command bits
no.
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
5
4
3
2
1
0
0
x
x
0
0
0
0
0
0
1
x
x
0
0
0
0
0
1
2
x
x
0
0
0
0
1
0
3
x
x
0
0
0
0
1
1
4
x
x
0
0
0
1
0
0
5
x
x
0
0
0
1
0
1
6
x
x
0
0
0
1
1
0
7
x
x
0
0
0
1
1
1
8
x
x
0
0
1
0
0
0
9
x
x
0
0
1
0
0
1
10
x
x
0
0
1
0
1
0
11
x
x
0
0
1
0
1
1


Similar Part No. - INA3010N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INA3010N ETC-INA3010N Datasheet
287Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
More results

Similar Description - INA3010N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INA3010 ETC-INA3010 Datasheet
287Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
KODENSHI_AUK CORP.
KKA3010 KODENSHI-KKA3010 Datasheet
830Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
NXP Semiconductors
SAA3010 PHILIPS-SAA3010 Datasheet
94Kb / 20P
   Infrared remote control transmitter RC-5
June 1989
logo
System Logic Semiconduc...
SL3010 SLS-SL3010 Datasheet
96Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com