Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P55A3S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MDT10P55A3S
Description  8-bit micro-controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT10P55A3S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MDT10P55A3S Datasheet HTML 1Page - List of Unclassifed Manufacturers MDT10P55A3S Datasheet HTML 2Page - List of Unclassifed Manufacturers MDT10P55A3S Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT10P55A3S Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT10P55A3S Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT10P55A3S Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT10P55A3S Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT10P55A3S Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT10P55A3S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MDT10P55
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 1
2003/5 Ver. 1.2
1. General Description
This EPROM-Based 8-bit micro-controller uses a fully
static CMOS technology process to achieve higher
speed
and
smaller
size
with
the
low
power
consump-tion and high noise immunity. On chip
memory inclu-des 1K words of ROM, and 72 bytes of
static RAM.
2. Features
The followings are some of the features on the
hardware and software :
u
Fully COMS static design
u
8-bit data bus
u
On chip EPROM size : 1K words
u
Internal RAM size : 72 bytes
u
36 single word instructions
u
14-bit instructions
u
2-level stacks
u
Operating voltage : 2.5 V ~ 6.0 V
u
Operating frequency : 0 ~ 20 MHz
u
The most fast execution time is 200 ns under
20 MHz in all single cycle instructions except
the branch instruction
u
Addressing modes include direct, indirect and
relative addressing modes
u
Power-on Reset
u
Sleep Mode for power saving
u
5 types of oscillator can be selected by
programming option:
INTRC
-Internal 4 MHz RC oscillator
RC
-Low cost RC oscillator
LFXT
-Low frequency crystal oscillator
XTAL
-Standard crystal oscillator
HFXT
-High frequency crystal oscillator
u
3 oscillator start-up time can be selected by
programming option:
20 ms, 40 ms, 80 ms
u
8-bit real time clock/counter(RTCC) with 8-bit
programmable prescaler
u
On-chip RC oscillator based Watchdog
Timer(WDT)
u
Wake-up from sleep on pin change
3. Applications
The application areas of this MDT10P55 range from
appliance motor control and high speed automotive
to low power remote transmitters/receivers, small
instruments, chargers, toy, automobile and PC
pe-ripheral … etc.


Similar Part No. - MDT10P55A3S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10P55A ETC1-MDT10P55A Datasheet
94Kb / 11P
   8-bit micro-controller
More results

Similar Description - MDT10P55A3S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com