Electronic Components Datasheet Search |
|
XC6219A14ADR Datasheet(PDF) 2 Page - Torex Semiconductor |
|
XC6219A14ADR Datasheet(HTML) 2 Page - Torex Semiconductor |
2 / 18 page Data Sheet 2 R000026 XC6219 Series High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch PIN CONFIGURATION *Please use the circuit without connecting to the heat dissipation pad. If the pad needs to be connected to other pins, it should be noted that the pin configuration of the USP-6B package is different depending on the IC series. SOT-25 (SOT-23-5) SOT-89-5 USP-6B (TOP VIEW) (TOP VIEW) (BOTTOM VIEW) PIN ASSIGNMENT PIN NUMBER SOT-25 SOT-89-5 USP-6B PIN NAME FUNCTIONS 1 4 1 VIN Power Input 2 2 5 VSS Ground 3 3 6 CE ON / OFF Control 4 1 2, 4 NC No Connection 5 5 3 VOUT Output PRODUCT CLASSIFICATION Selection Guide The following options for the CE pin logic and internal pull-up/down are available: High Active + no pull-down resistor built-in (standard) High Active + 2.0M Ω pull-down resistor built-in <between CE-VSS> (semi-custom) Low Active + no pull-up resistor built-in (semi-custom) Low Active + 2.0M Ω pull-up resistor built-in <between VIN-CE> (semi-custom) Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 2.0M Ω (TYP.) Ordering Information XC6219 123456 DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION A : High Active (ull-down resistor built in) B : High Active (no pull-down resistor built in) C : Low Active (pull-up resistor built in) 1 CE Pin Logic D : Low Active (no pull-up resistor built in) 2 3 Output Voltage 09 ~ 50 : e.g. 2=3, 3=0, 3.0V Output Voltage, 100mV increments, +2% accuracy 2 : e.g. 2=2, 3=8, 4=2 2.80V, +2% 4 Output Voltage, 50mV increments, +2% accuracy A : e.g. 2=2, 3=8, 4=A 2.85V, +2% M : SOT-25 (SOT-23-5) P : SOT-89-5 5 Packages D : USP-6B R : Embossed tape, Standard feed 6 Taping Direction L : Embossed tape, Reverse feed VOUT 5 VSS 2 VIN 4 1 NC 2 VSS 3 CE 6 5 4 1 2 3 VIN NC VOUT CE VSS NC 4 2 5 13 CE (NC) VIN VSS VOUT |
Similar Part No. - XC6219A14ADR |
|
Similar Description - XC6219A14ADR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |