Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2330LTMX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2330LTMX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2330LTMX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2330LTMX Datasheet HTML 5Page - National Semiconductor (TI) LMX2330LTMX Datasheet HTML 6Page - National Semiconductor (TI) LMX2330LTMX Datasheet HTML 7Page - National Semiconductor (TI) LMX2330LTMX Datasheet HTML 8Page - National Semiconductor (TI) LMX2330LTMX Datasheet HTML 9Page - National Semiconductor (TI) LMX2330LTMX Datasheet HTML 10Page - National Semiconductor (TI) LMX2330LTMX Datasheet HTML 11Page - National Semiconductor (TI) LMX2330LTMX Datasheet HTML 12Page - National Semiconductor (TI) LMX2330LTMX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Typical Performance Characteristics (Continued)
Charge Pump Current vs D
o Voltage
I
CP = HIGH
Charge Pump Current vs D
o Voltage
I
CP = LOW
01280623
01280624
Charge Pump Current Variation
(See (Note 6) under Charge Pump Current
Specification Definitions)
Sink vs Source Mismatch
(See (Note 7) under Charge Pump Current
Specification Definitions)
01280625
01280626
www.national.com
9


Similar Part No. - LMX2330LTMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330LTM NSC-LMX2330LTM Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2330LTMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
   PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com