Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2260A1-0032 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # C2260A1-0032
Description  TCXO EFC Standard Low Profile Small Size 100 % RoHS compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2260A1-0032 Datasheet(HTML) 1 Page - Vectron International, Inc

  C2260A1-0032 Datasheet HTML 1Page - Vectron International, Inc C2260A1-0032 Datasheet HTML 2Page - Vectron International, Inc C2260A1-0032 Datasheet HTML 3Page - Vectron International, Inc C2260A1-0032 Datasheet HTML 4Page - Vectron International, Inc C2260A1-0032 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
C2260
TCXO
Vectron International · www.vectron.com
v.2005-12-15 · page 1 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Typical Applications
Features
PCS Base Stations
EFC Standard
Land Mobile Radio
Low Profile
Cellular Telephony
Small Size
Radio in the Local Loop
100 % RoHS compliant
Frequency range
6.4 MHz – 52 MHz
Standard frequencies
10; 12.8; 19.44; 20MHz, 20.48MHz
Frequency stabilities
1
Parameter
Min
Typ
Max.
Units
Operating temp
range
Ordering Code
5
vs. operating temperature range
-2.5
+2.5
ppm
-20 … +70°C
D256
(Referenced to +25°C)
-1.0
+1.0
ppm
-20 … +70°C
D106
-1.0
+1.0
ppm
0 … +50°C
B106
-0.5
+0.5
ppm
0 … +50°C
B507
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs aging
/1. Year
- 2.5
- 0.5
- 0.2
- 1.0
+2.5
+0.5
+0.2
+1.0
ppm
ppm
ppm
ppm
at time of shipment, nominal EFC
VS ± 5%
Load ± 10%
Frequency stabilities
1 [ Stratum 3 TCXO] < 32MHz
Parameter
Min
Typ
Max.
Units
Operating temp
range
Ordering Code
5
vs. operating temperature range
-0.8
+0.8
ppm
-20 … +70°C
D807
(Referenced to +25°C)
-0.28
+0.28
ppm
0 … +50°C
B287*
-0.28
+0.28
ppm
-20 … +70°C
D287*
-0.80
+0.80
ppm
-40 … +85°C
F807
-0.28
-0.28
+0.28
-0.28
ppm
ppm
-30 … +85°C
-40 … +85°C
G287
F287
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs aging
/15 Years
overall tolerance
- 1.0
- 0.2
- 0.1
- 2.5
-4.6
+1.0
+0.2
+0.1
+2.5
-4.6
ppm
ppm
ppm
ppm
ppm
at time of shipment, nominal EFC
VS ± 5%
Load ± 10%
Note
* Stratum 3 per GR-1244-CORE:
<±4.6 ppm for all causes and 20 years
aging,Holdover: <±0.37 ppm over 24 hours
(Code: D287 & B287)
Supply voltage (Vs)
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Supply voltage [Standard]
3.135
3.3
3.465
VDC
SV033
Current consumption
6
mA
steady state @ +25°C
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Signal [Standard]
clipped Sinewave
> 12.288MHz
RFC
Load R
9
10
11
k
Ω
|| C
9
10
11
pF
Output power
0.7
Vpp
@ 10k
 ||10pF


Similar Part No. - C2260A1-0032

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2260A1-0032 VECTRON-C2260A1-0032 Datasheet
94Kb / 5P
   Nominal frequency (f0)
C2260A1-0032-12M8 VECTRON-C2260A1-0032-12M8 Datasheet
238Kb / 4P
   Nominal frequency (f0)
C2260A1-0032 VECTRON-C2260A1-0032_09 Datasheet
94Kb / 5P
   Nominal frequency (f0)
More results

Similar Description - C2260A1-0032

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2310 VECTRON-C2310 Datasheet
274Kb / 5P
   TCXO EFC Standard Standard Surface Mount Package Low Phase Noise option Low Profile
C2400 VECTRON-C2400 Datasheet
211Kb / 6P
   TCXO EFC Standard Hermetic Wide Frequency Range
C2410 VECTRON-C2410 Datasheet
206Kb / 5P
   TCXO EFC Standard Non hermetic Wide Frequency Range
logo
Epson Company
TG-5010LH EPSON-TG-5010LH Datasheet
249Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE
logo
Epson ToYoCom
TG-5005CE EPSONTOYOCOM-TG-5005CE Datasheet
362Kb / 1P
   TCXO MINIATURE SIZE LOW PROFILE
TCO-5860 EPSONTOYOCOM-TCO-5860 Datasheet
318Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE
TG-5010CG EPSONTOYOCOM-TG-5010CG Datasheet
312Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
TG-5021BA EPSONTOYOCOM-TG-5021BA Datasheet
414Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
TG-5005CG EPSONTOYOCOM-TG-5005CG Datasheet
315Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE HIGH STABILITY
logo
List of Unclassifed Man...
FQU4N50TU ETC2-FQU4N50TU Datasheet
850Kb / 9P
   100% avalanche tested, RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com