Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2460 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PA2460
Description  Power Amplifier IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PA2460 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PA2460 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA2460 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA2460 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA2460 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA2460 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA2460 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA2460 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA2460 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA2460 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PA2460 Power Amplifier IC
Page 4
JULY 2003
Absolute Maximum Ratings
V
SS = VSS1 = 0 V
Recommended Operating Conditions
V
SS = VSS1 = 0 V
Parameter
Symbol
Rating
Unit
Supply Voltage
V
CC
6V
Supply current
Icc
1000
mA
Input Power
P
IN
10
dBm
Operating Temperature Range
T
OPR
5 to 100
°C
Storage Temperature Range
T
STG
–40 to 125
°C
Soldering Temperature Range
T
SLD
255
°C
Soldering Time Range
t
SLD
10
s
Parameter
Symbol
Value
Unit
min.
typ.
max.
Supply Voltage Range
V
CC
3.5
6
V
Operating Temperature
T
A
-30
25
85
°C


Similar Part No. - PA2460

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PA2460 PTC-PA2460 Datasheet
183Kb / 15P
   Power Amplifier IC
PA2460-LF PTC-PA2460-LF Datasheet
183Kb / 15P
   Power Amplifier IC
logo
Renesas Technology Corp
PA2460T1Q RENESAS-PA2460T1Q_15 Datasheet
235Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - PA2460

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PA2464 PTC-PA2464 Datasheet
444Kb / 15P
   Power Amplifier IC
PA2460 PTC-PA2460 Datasheet
183Kb / 15P
   Power Amplifier IC
logo
SHENZHEN FUMAN ELECTRON...
SC4871A FUMAN-SC4871A Datasheet
429Kb / 7P
   Audio power amplifier IC
TC6871 FUMAN-TC6871 Datasheet
332Kb / 6P
   Audio power amplifier IC
logo
Panasonic Semiconductor
AN7582Z PANASONIC-AN7582Z Datasheet
174Kb / 7P
   Audio power amplifier IC
logo
SHENZHEN FUMAN ELECTRON...
TC4863 FUMAN-TC4863 Datasheet
702Kb / 13P
   Audio power amplifier IC
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
   GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
SHENZHEN FUMAN ELECTRON...
FM8002A FUMAN-FM8002A Datasheet
324Kb / 6P
   2W audio power amplifier IC
FM8002E FUMAN-FM8002E Datasheet
324Kb / 6P
   2W audio power amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com