Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101C89AKL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9101C89AKL
Description  PWM Controlled Step-Up DC/DC Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101C89AKL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9101C89AKL Datasheet HTML 1Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 2Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 3Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 4Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 5Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 6Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 7Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 8Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
XC9101
Series
391
4
■Electrical Characteristics
XC9101C33AKR
VIN = 2.5V unless specified
*1 : EFFI = {[(Output Voltage)
× (Output Current)] ÷ [(Input Voltage) × (Input Current)]} × 100
*2 : The capacity range of the capacitor used to set the external CLK frequency is 150 ~ 220pF
Ta=25℃
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VINmax
VOUT
VINmin
IDD1
ISTB
FOSC
ΔFOSC
ΔVIN・FOSC
ΔFOSC
ΔTopr・FOSC
MAXDTY
MINDTY
ILIM
IISEN
ICEH
ICEL
VCEH
VIN=2.5V
VOUT=CE=Set Output Voltage×0.95V
VIN=2.5V, CE=VIN
VOUT=Set Output Voltage×1.05V
VIN=2.5V, CE=VOUT=VSS
RT=10.0kΩ, CT=220pF
VIN=2.5V∼20V
Topr=−40∼+85℃
VIN=2.5V
IOUT=300mA
VOUT=Set Voltage×0.95V
VOUT=Set Voltage×1.05V
VIN pin voltage−ISEN pin voltage
VIN=2.5V, ISEN=2.5V
CE=VIN=2.5V, VOUT=0V
CE=0V, VIN=2.5V, VOUT=0V
Existence of CLK Oscillation,
VOUT=0V, CE : Voltage applied
Disappearance of CLK Oscillation,
VOUT=0V, CE : Voltage applied
EXT=VIN−0.4V, CE=VIN=2.5V
VOUT=Set voltage×0.95V
EXT=0.4V, CE=VIN=2.5V
VOUT=Set voltage×1.05
Connect CSS and RSS, CE : 0V→2.5V
3.218
20
280
79
90
4.5
−0.1
−0.1
0.6
5
3.300
150
90
85
0.5
330
±5
±5
150
7
0
0
3.382
2.5
255
176
2.0
380
0
220
13
0.1
0.1
V
V
V
μA
μA
μA
kHz
%
%
%
%
mV
μA
μA
μA
V
VCEL
0.2
V
REXTH
31
58
89
Ω
REXTL
27
45
20
Ω
EFFI
88
%
TSS
10
ms
RCCGAIN
400
CIRCUITS
q
q
q
w
w
w
e
e
e
r
r
y
y
t
t
t
t
r
r
q
q
u
IDD2
PARAMETER
Maximum Operating Voltage
Minimum Operating Voltage
Supply Current 1
Stand-by Current
Frequency Temperature
Fluctuation
Maximum Duty Cycle
Output Voltage
CLK Oscillation Frequency
Frequency Input Stability
Current Limiter Voltage
ISEN Current
CE "High" Current
CE "Low" Current
CE "High" Voltage
CE "Low" Voltage
EXT "High" ON
Resistance
EXT "Low" ON
Resistance
Efficiency *1
Soft-Start Time
CC/GAIN Pin
Output Impedance
Supply Current 2
Minimum Duty Cycle
04S_01XC9101/9102新規 02.09.12 14:38 ページ 391


Similar Part No. - XC9101C89AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101C89AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com