Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFR1650 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # UFR1650
Description  CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

UFR1650 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  UFR1650 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. UFR1650 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES UFR1610 THRU UFR1660
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr
1cm
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 2)
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22p
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
NONINDUCTIVE
FIG . 2 -MAXIMUM AVERAGE FORWARDCURRENT DERATING
20
16
12
8
4
0
0
50
100
150
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
20
40
60
80 100 120 140
1000
100
10
1
0.1
O
Tj=125 C
PERCENT OF RATED PEAK REVERSE VOLTAGE . (%)
CASE TEMPERATURE . ( % )
O
Tj=25 C
FIG . 4 -MAXIMUM NON - REPETITIVE FORWARD SURGE
CURRENT
1
2
5
10
20
50
1 00
120
90
60
30
NMBER OF CYCLES AT 60Hz
FIG . 6 -TYPICAL FRWARD CHARACTERISTICS
100
30
10
3.0
1.0
0.3
0.1
0.03
.01
FORWARD VOLTAGE .( V )
FIG . 5 -TYPICAL JUNCTIOON CAPACITANCE PER LEG
1
2
5
10 20
50
100 200
500
1000
200
160
120
80
40
REVERSE VOLTAGE . ( V)
PULSE
GENERATOR
( NOTE 2 )
-0.25A
0
UFR
1660
UFR1
610-1
650
0
8.3ms Single Half Sine
Wave JEDEC Method
o
Tj=25 C
o
Tj=25 C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
o
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
240


Similar Part No. - UFR1650

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
UFR100 DEC-UFR100 Datasheet
410Kb / 2P
   1 AMP ULTRAFAST RECOVERY DIODES
logo
Digitron Semiconductors
UFR100 DIGITRON-UFR100 Datasheet
133Kb / 2P
   1A ULTRAFAST RECOVERY RECTIFIER
logo
ZIEHL industrie-elektro...
UFR1001 ZIEHL-UFR1001 Datasheet
315Kb / 2P
   Voltage- and Frequency Relay UFR1001 with integrated vector shift relay, sealable
UFR1001E ZIEHL-UFR1001E Datasheet
1Mb / 2P
   Voltage and Frequency Relay UFR1001E
logo
DIOTEC Electronics Corp...
UFR101 DEC-UFR101 Datasheet
410Kb / 2P
   1 AMP ULTRAFAST RECOVERY DIODES
More results

Similar Description - UFR1650

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HEP1601 DAESAN-HEP1601 Datasheet
267Kb / 2P
   CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SFP161 DAESAN-SFP161 Datasheet
280Kb / 2P
   CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFP1610 DAESAN-UFP1610 Datasheet
285Kb / 2P
   CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HER1601 DAESAN-HER1601 Datasheet
313Kb / 2P
   CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
SF161 DAESAN-SF161 Datasheet
348Kb / 2P
   CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
FP1601 DAESAN-FP1601 Datasheet
313Kb / 2P
   CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
FR1601 DAESAN-FR1601 Datasheet
290Kb / 2P
   CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
SF21 DAESAN-SF21 Datasheet
315Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 600 Volts
SF31 DAESAN-SF31 Datasheet
302Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com