Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61FC2542PB Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC61FC2542PB
Description  Voltage Detectors ( Delay Circuit Built-In)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FC2542PB Datasheet(HTML) 1 Page - Torex Semiconductor

  XC61FC2542PB Datasheet HTML 1Page - Torex Semiconductor XC61FC2542PB Datasheet HTML 2Page - Torex Semiconductor XC61FC2542PB Datasheet HTML 3Page - Torex Semiconductor XC61FC2542PB Datasheet HTML 4Page - Torex Semiconductor XC61FC2542PB Datasheet HTML 5Page - Torex Semiconductor XC61FC2542PB Datasheet HTML 6Page - Torex Semiconductor XC61FC2542PB Datasheet HTML 7Page - Torex Semiconductor XC61FC2542PB Datasheet HTML 8Page - Torex Semiconductor XC61FC2542PB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Voltage Detectors ( Delay Circuit Built-In)
Series
157
2
The XC61F series are highly accurate, low power consumption voltage
detectors, manufactured using CMOS and laser trimming technologies. A
delay circuit is built-in to each detector.
Detect voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output configurations are
available.
Since the delay circuit is built-in, peripherals are unecessary and high
density mounting is possible.
■General Description
Highly Accurate
: Detect voltage ± 2%
Low Power Consumption : TYP 1.0
µA [ VIN=2.0V ]
Detect Voltage Range
: 1.6V ~ 6.0V in 0.1V increments
Operating Voltage Range : 0.7V ~ 10.0V
Detect Voltage Temperature Characteristics
: TYP± 100ppm/°C
Built-In Delay Circuit
: 1ms ~ 50ms, 50ms ~ 200ms, 80ms ~
400ms
Output Configuration
: N-channel open drain or CMOS
Ultra Small Packages
: SOT-23 (150mW) mini-mold
: SOT-89 (500mW) mini-power mold
: TO-92 (300mW)
* No parts are available with an accuracy of ± 1%
GMicroprocessor reset circuitry
GMemory battery back-up circuits
GPower-on reset circuits
GPower failure detection
GSystem battery life and charge voltage monitors
GDelay circuitry
■Features
■Applications
NCMOS
NMini Mold Package
NHighly Accurate
: ±2%
NBuilt-In Delay Circuit (1ms ~ 50ms)
(50ms ~ 200ms)
(80ms ~ 400ms)
NLow Power Consumption : 1.0µA (VIN = 2.0V)
■Typical Application Circuits
CMOS output
N-channel open drain output
R
100k
VIN
VOUT
VSS
VIN
VOUT
VSS
VIN
VIN
50
100
150
200
-30
-10
10
30
50
70
XC61FC3012
Ambient Temp.: Ta(℃)
■Typical Performance
Characteristic
AMBIENT TEMPERATURE vs.
TRANSIENT DELAY TIME
02S_04XC61F 02.09.12 14:04 ページ 157


Similar Part No. - XC61FC2542PB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61FC1612LB TOREX-XC61FC1612LB Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LB TOREX-XC61FC1612LB Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LH TOREX-XC61FC1612LH Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LH TOREX-XC61FC1612LH Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LL TOREX-XC61FC1612LL Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
More results

Similar Description - XC61FC2542PB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com