Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9201DD3AKL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9201DD3AKL
Description  PWM Controlled Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201DD3AKL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9201DD3AKL Datasheet HTML 1Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 2Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 3Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 4Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 5Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 6Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 7Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 8Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
XC9201Series
538
5
■Absolute Maximum Ratings
■Block Diagram
EXT
ISEN
VIN
CE/SS
VSS
VOUT
CC/GAIN
CLK
Ramp Wave,
Internal CLK
generator
Chip Enable,
Soft Start up,
U.V.L.O.
Verr
PWM
Ierr
Internal
Voltage
Regulator
EXT timming
controll
logic
Current
Limit
Protection
Limitter comp.
Vref generator
CE,UVLO
to internal
circuit
0.9V
Sampling
R1
R2
MIX
2.0V
to internal
circuit
PARAMETER
EXT Pin Voltage
SYMBOL
RATINGS
UNITS
−0.3∼+22
ISEN Pin Voltage
VIN Pin Voltage
CE/SS Pin Voltage
CLK Pin Voltage
VOUT/FB Pin Voltage
EXT Pin Current
Storage Temperature
VEXT
VIsen
VIN
VCE
VCLK
VOUT/FB
IEXT
Tstg
−0.3∼VDD+0.3
−0.3∼+22
−0.3∼+22
−0.3∼VDD+0.3
−0.3∼+22
±100
−55∼+125
mA
Continuous Total
Power Dissipation
Pd
150
mW
Operating Ambient
Temperature
Topr
−40∼+85
Ta=25℃
CC/GAIN Pin Voltage
VCC
−0.3∼VDD+0.3
05S_1XC9201/9202新規 02.09.12 15:16 ページ 538


Similar Part No. - XC9201DD3AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201DCCAL TOREX-XC9201DCCAL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCAR TOREX-XC9201DCCAR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKL TOREX-XC9201DCCKL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKR TOREX-XC9201DCCKR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
More results

Similar Description - XC9201DD3AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com