Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9201DD3AKL Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9201DD3AKL
Description  PWM Controlled Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201DD3AKL Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9201DD3AKL Datasheet HTML 7Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 8Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 9Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 10Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 11Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 12Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 13Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 14Page - Torex Semiconductor XC9201DD3AKL Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
XC9201
Series
545
5
D
CLK
Q
/RESET
PWM/PFM switching signal
CLK sync signal
Output signal to EXT pin
Limiter signal
PWM/PFM switchinig signal
■Operation Description
Step-down DC/DC converter controllers of the XC9201series carry out pulse width modulation (PWM) according to the multiple feedback signals
of the output voltage and coil current.
The internal circuits consist of different blocks that operate at VIN or the stabilized power (2.0 V) of the internal regulator. The output setting
voltage of type C controller and the FB pin voltage (Vref = 0.9 V) of type D controller have been adjusted and set by laser-trimming.
<Clock>
With regard to clock pulses, a capacitor and resistor connected to the CLK pin generate ramp waveforms whose top and bottom are 0.7 V and
0.15 V, respectively. The frequency can be set within a range of 100 to 600 kHz externally (refer to the "Functional Settings" section for further
information). The clock pulses are processed to generate a signal used for synchronizing internal sequence circuits.
<Verr amplifier>
The Verr amplifier is designed to monitor the output voltage. A fraction of the voltage applied to internal resistors R1, R2 in the case of a type C
controller, and the voltage of the FB pin in the case of a type D controller, are fed back and compared with the reference voltage. In response to
feedback of a voltage lower than the reference voltage, the output voltage of the Verr amplifier increases.
The output of the Verr amplifier enters the mixer via resistor (RVerr). This signal works as a pulse width control signal during PWM operations.
By connecting an external capacitor and resistor through the CE/GAIN pin, it is possible to set the gain and frequency characteristics of Verr
amplifier signals (refer to the "Functional Settings" section for further information).
<Ierr amplifier>
The Ierr amplifier monitors the coil current. The potential difference between the VIN and Isen pins is sampled at each switching operation.
Then the potential difference is amplified or held, as necessary, and input to the mixer. The Ierr amplifier outputs a signal ensuring that the
greater the potential difference between the VIN and Isen pins, the smaller the switching current. The gain and frequency characteristics of this
amplifier are fixed internally.
<Mixer and PWM>
The mixer modulates the signal sent from Verr by the signal from Ierr. The modulated signal enters the PWM comparator for comparison with
the sawtooth pulses generated at the CLK pin. If the signal is greater than the sawtooth waveforms, a signal is sent to the output circuit to turn
on the external switch.
<Current Limiter>
The current flowing through the coil is monitored by the limiter comparator via the VIN and Isen pins. The limiter comparator outputs a signal
when the potential difference between the VIN and Isen pins reaches 150 mV or more. This signal is converted to a logic signal and handled as
a DFF reset signal for the internal limiter circuit. When a reset signal is input, a signal is output immediately at the EXT pin to turn off the MOS
switch. When the limiter comparator sends a signal to enable data acceptance, a signal to turn on the MOS switch is output at the next clock
pulse. If at this time the potential difference between the VIN and Isen pins is large, operation is repeated to turn off the MOS switch again. DFF
operates in synchronization with the clock signal of the CLK pin.
<Soft Start>
The soft start function is made available by attaching a capacitor and resistor to the CE/SS pin. The Vref voltage applied to the Verr amplifier is
restricted by the start-up voltage of the CE/SS pin. This ensures that the Verr amplifier operates with its two inputs in balance, thereby
preventing the ON-TIME signal from becoming stronger than necessary. Consequently, soft start time needs to be set sufficiently longer than
the time set to CLK. The start-up time of the CE/SS pin equals the time set for soft start (refer to the "Functional Settings" section for further
information).
The soft start function operates when the voltage at the CE/SS pin is between 0V to 1.55V. If the voltage at the CE/SS pin doesn't start from 0V
but from a mid level voltage when the power is switched on, the soft start function will become ineffective and the possibilities of large inrush
currents and ripple voltages occurring will be increased.
Undervoltage Lock Out (U.V.L.O.) is also provided. This function is activated to turn off the MOS switch attached to the EXT pin when the input
voltage (VIN) decreases to approximately 1.4 V or below. The purpose of this function is to keep the external MOS switch from turning on when
a voltage at which the IC operates unstably is applied. U.V.L.O. also restricts signals during soft start so that the external MOS switch does not
turn on until the internal circuitry becomes stable.
05S_1XC9201/9202新規 02.09.12 15:16 ページ 545


Similar Part No. - XC9201DD3AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201DCCAL TOREX-XC9201DCCAL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCAR TOREX-XC9201DCCAR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKL TOREX-XC9201DCCKL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKR TOREX-XC9201DCCKR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
More results

Similar Description - XC9201DD3AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com