Electronic Components Datasheet Search |
|
DDU66F-8D4 Datasheet(PDF) 1 Page - Data Delay Devices, Inc. |
|
DDU66F-8D4 Datasheet(HTML) 1 Page - Data Delay Devices, Inc. |
1 / 4 page DDU66F Doc #97020 DATA DELAY DEVICES, INC. 1 2/5/97 3 Mt. Prospect Ave. Clifton, NJ 07013 5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F) FEATURES PACKAGES • Five equally spaced outputs • Fits standard 14-pin DIP socket • Low profile • Auto-insertable • Input & outputs fully TTL interfaced & buffered • 10 T 2L fan-out capability FUNCTIONAL DESCRIPTION The DDU66F-series device is a 5-tap digitally buffered delay line. The signal input (IN) is reproduced at the outputs (T1-T5), shifted in time by an amount given by the device dash number. For dash numbers less than 25, the total delay of the line is measured from T1 to T5, with the nominal value given by the dash number. The nominal tap-to-tap delay increment is given by 1/4 of this number. The inherent delay from IN to T1 is nominally 3.5ns. For dash numbers greater than or equal to 25, the total delay of the line is measured from IN to T5, with the nominal value given by the dash number. The nominal tap-to-tap delay increment is given by 1/5 of this number. SERIES SPECIFICATIONS • Minimum input pulse width: 40% of total delay • Output rise time: 2ns typical • Supply voltage: 5VDC ± 5% • Supply current: ICCL = 32ma typical ICCH = 7ma typical • Operating temperature: 0 ° to 70° C • Temp. coefficient of total delay: 100 PPM/ °C 25% 25% 25% 25% VCC GND IN T1 T2 T3 T4 T5 Functional diagram for dash numbers < 25 3.5ns 20% 20% 20% 20% 20% VCC GND IN T1 T2 T3 T4 T5 Functional diagram for dash numbers >= 25 © ©1997 Data Delay Devices data delay devices, inc. ® ® 3 14 12 10 8 1 4 6 7 IN T2 T4 GND VCC T1 T3 T5 1 2 3 4 5 6 7 14 13 12 11 10 9 8 IN N/C N/C T2 N/C T4 GND VCC N/C T1 N/C T3 N/C T5 DDU66F-xxD1 Com. SMD DDU66F-xxD4 Com. SMD DDU66F-xxMD1 Mil. SMD DDU66F-xxMD4 Mil. SMD DDU66F-xx DIP DDU66F-xxA2 Gull-Wing DDU66F-xxB2 J-Lead DDU66F-xxME7 Military DIP PIN DESCRIPTIONS IN Signal Input T1-T5 Tap Outputs VCC +5 Volts GND Ground DASH NUMBER SPECIFICATIONS Part Number Total Delay (ns) Delay Per Tap (ns) DDU66F-4 4 ± 1.0 * 1.0 ± 0.5 DDU66F-6 6 ± 1.0 * 1.5 ± 0.5 DDU66F-8 8 ± 2.0 * 2.0 ± 1.0 DDU66F-10 10 ± 2.0 * 2.5 ± 1.0 DDU66F-12 12 ± 2.0 * 3.0 ± 1.0 DDU66F-16 16 ± 2.0 * 4.0 ± 1.5 DDU66F-20 20 ± 3.0 * 5.0 ± 1.5 DDU66F-25 25 ± 3.0 5.0 ± 2.0 DDU66F-30 30 ± 3.0 6.0 ± 2.0 DDU66F-35 35 ± 3.0 7.0 ± 2.0 DDU66F-40 40 ± 3.0 8.0 ± 2.0 DDU66F-45 45 ± 3.0 9.0 ± 3.0 DDU66F-50 50 ± 3.0 10.0 ± 3.0 DDU66F-60 60 ± 3.0 12.0 ± 3.0 DDU66F-75 75 ± 4.0 15.0 ± 3.0 DDU66F-100 100 ± 5.0 20.0 ± 3.0 DDU66F-125 125 ± 6.5 25.0 ± 3.0 DDU66F-150 150 ± 7.5 30.0 ± 3.0 DDU66F-175 175 ± 8.0 35.0 ± 4.0 DDU66F-200 200 ± 10.0 40.0 ± 4.0 DDU66F-250 250 ± 12.5 50.0 ± 5.0 * Total delay is referenced to first tap output Input to first tap = 3.5ns ±± 1ns NOTE: Any dash number between 4 and 250 not shown is also available. |
Similar Part No. - DDU66F-8D4 |
|
Similar Description - DDU66F-8D4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |