Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1516C-5-4.0B Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1516C-5-4.0B
Description  5-TAP DIP/SMD DELAY LINE TD/TR = 3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1516C-5-4.0B Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1516C-5-4.0B Datasheet HTML 1Page - Data Delay Devices, Inc. 1516C-5-4.0B Datasheet HTML 2Page - Data Delay Devices, Inc. 1516C-5-4.0B Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1516
Doc #97029
DATA DELAY DEVICES, INC.
1
2/7/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP DIP/SMD DELAY LINE
TD/TR = 3
(SERIES 1516)
FEATURES
PACKAGES
5 taps of equal delay increment
Delays to 200ns
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1516-series device is a fixed, single-input, five-
output, passive delay line. The signal input (IN) is
reproduced at the outputs (T1-T5) in equal increments.
The delay from IN to T5 (TD) and the characteristic
impedance of the line (Z) are determined by the dash
number. The rise time (TR) of the line is 30% of TD, and
the 3dB bandwidth is given by 1.05 / TD. The device is
available in a 8-pin DIP (1516) or a 8-pin SMD (1516S),
and a wide range of pinouts may be specified.
Part numbers are constructed according to the scheme
shown at right. For example, 1516C-101-500B is a 290
mil DIP, 100ns, 50
Ω delay line with pinout code B.
Similarly, 1516SB-151-501 is a 240 mil SMD, 150ns,
500
Ω delay line with standard pinout.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient: 100 PPM/
°C
PINOUT CODES
CODE
IN
T1
T2
T3
T4
T5
GND
STD
2
3
4
5
6
7
1,8
A
1
2
3
4
6
7
5,8
B
1
7
3
6
4
5
8
C
7
2
6
3
5
4
1,8
D
1
2
7
3
6
4
5,8
MOUNTING HEIGHT CODES
CODE
HEIGHT (MAX)
DIP
SMD
A
0.187
Yes
No
B
0.240
Yes
Yes
C
0.290
Yes
Yes
Note:
Codes A and B are not available
for all values of TD
Contact technical staff for details
data
delay
devices, inc.
®
®
3
IN
Signal Input
T1-T5 Tap Outputs
GND
Ground
Note: Standard pinout shown
Other pinouts available
8
7
6
5
1
2
3
4
GND
IN
T1
T2
GND
T5
T4
T3
DELAY TIME
Expressed in nanoseconds (ns)
First two digits are significant figures
Last digit specifies # of zeros to follow
IMPEDANCE
Expressed in nanoseconds (ns)
First two digits are significant figures
Last digit specifies # of zeros to follow
PINOUT CODE
See Table
Omit for STD pinout
MOUNTING HEIGHT CODE
See Table
PART NUMBER CONSTRUCTION
1516(S)m - xxx - zzz p
DELAY SPECIFICATIONS
TD
TI
TR
ATTENUATION (%) TYPICAL
(ns)
(ns)
(ns)
Z=50
Ω Z=100Ω
Ω Z=200Ω
Ω Z=300Ω
Ω Z=500Ω
5
1.0
3.0
N/A
5
N/A
N/A
N/A
10
2.0
4.0
3
5
5
N/A
N/A
15
3.0
5.0
3
5
5
N/A
N/A
20
4.0
6.0
3
5
5
5
N/A
25
5.0
7.0
3
5
5
5
7
30
6.0
10.0
3
5
5
5
7
40
8.0
13.0
3
5
5
5
7
50
10.0
15.0
3
5
5
7
7
60
12.0
20.0
3
5
6
7
8
75
15.0
25.0
3
5
6
7
8
80
16.0
26.0
4
5
6
7
8
100
20.0
30.0
4
5
6
7
8
110
22.0
32.0
4
5
6
7
8
125
25.0
40.0
4
5
6
7
8
150
30.0
50.0
N/A
5
8
10
10
180
36.0
60.0
N/A
7
8
10
10
200
50.0
70.0
N/A
8
10
12
12
Notes: TI represents nominal tap-to-tap delay increment
Tolerance on TD =
±±5% or ±±2ns, whichever is greater
Tolerance on TI =
±±5% or ±±1ns, whichever is greater
“N/A” indicates that delay is not available at this Z
©
©1997 Data Delay Devices


Similar Part No. - 1516C-5-4.0B

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1516C-B591000 BELDEN-1516C-B591000 Datasheet
185Kb / 2P
   Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CM
01-20-2023
1516C-B59500 BELDEN-1516C-B59500 Datasheet
185Kb / 2P
   Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CM
01-20-2023
More results

Similar Description - 1516C-5-4.0B

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
1505 DATADELAY-1505 Datasheet
30Kb / 2P
   5-TAP SIP DELAY LINE TD/TR = 3
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
logo
List of Unclassifed Man...
2214-50A ETC-2214-50A Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com