Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLO32F-10MD1 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # DLO32F-10MD1
Description  TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DLO32F-10MD1 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  DLO32F-10MD1 Datasheet HTML 1Page - Data Delay Devices, Inc. DLO32F-10MD1 Datasheet HTML 2Page - Data Delay Devices, Inc. DLO32F-10MD1 Datasheet HTML 3Page - Data Delay Devices, Inc. DLO32F-10MD1 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DLO32F
Doc #98002
DATA DELAY DEVICES, INC.
2
3/17/98
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES
THERMAL STABILITY
The delay line used internally to develop the clock
signals in the DLO32F has a thermal coefficient
of 100ppm/C. For low frequency units, this is also
the thermal coefficient of the output frequency.
For higher frequency units, however, other
internal effects must be considered, and the
actual thermal coefficient may be somewhat
higher.
POWER SUPPLY BYPASSING
The DLO32F relies on a stable power supply to
produce a repeatable frequency within the stated
tolerances. A 0.1uf capacitor from VCC to GND,
located as close as possible to the VCC pin, is
recommended. A wide VCC trace and a clean
ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
2.5
3.4
V
VCC = MIN, IOH = MAX
VIH = MIN, VIL = MAX
Low Level Output Voltage
VOL
0.35
0.5
V
VCC = MIN, IOL = MAX
VIH = MIN, VIL = MAX
High Level Output Current
IOH
-1.0
mA
Low Level Output Current
IOL
20.0
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Clamp Voltage
VIK
-1.2
V
VCC = MIN, II = IIK
Input Current at Maximum
Input Voltage
IIHH
0.1
mA
VCC = MAX, VI = 7.0V
High Level Input Current
IIH
20
µA
VCC = MAX, VI = 2.7V
Low Level Input Current
IIL
-0.6
mA
VCC = MAX, VI = 0.5V
Short-circuit Output Current
IOS
-60
-150
mA
VCC = MAX
Output High Fan-out
25
Unit
Output Low Fan-out
12.5
Load
TABLE 3: AC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Enable to Clock On (Inherent Delay)
tEO
1.5
3.0
4.5
ns
Disable to Clock Off
tDO
1.5
2.5
3.5
ns
Clock Skew
tCS
1.5
2.5
3.5
ns
Gate Recovery Time
tGR
50
% of Clock Period


Similar Part No. - DLO32F-10MD1

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DLO31F DATADELAY-DLO31F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO31F-10 DATADELAY-DLO31F-10 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO31F-10A2 DATADELAY-DLO31F-10A2 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO31F-10B2 DATADELAY-DLO31F-10B2 Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO31F-10M DATADELAY-DLO31F-10M Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
More results

Similar Description - DLO32F-10MD1

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DLO31F DATADELAY-DLO31F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-36F DATADELAY-DLO-36F Datasheet
112Kb / 1P
   GATED-DELAY LINE OSCILLATOR
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com