Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38B51EFXXXFS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M38B51EFXXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B51EFXXXFS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M38B51EFXXXFS Datasheet HTML 5Page - Renesas Technology Corp M38B51EFXXXFS Datasheet HTML 6Page - Renesas Technology Corp M38B51EFXXXFS Datasheet HTML 7Page - Renesas Technology Corp M38B51EFXXXFS Datasheet HTML 8Page - Renesas Technology Corp M38B51EFXXXFS Datasheet HTML 9Page - Renesas Technology Corp M38B51EFXXXFS Datasheet HTML 10Page - Renesas Technology Corp M38B51EFXXXFS Datasheet HTML 11Page - Renesas Technology Corp M38B51EFXXXFS Datasheet HTML 12Page - Renesas Technology Corp M38B51EFXXXFS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
8
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Memory
Special function register (SFR) area
The special function register (SFR) area in the zero page contains
control registers such as I/O ports and timers.
RAM
RAM is used for data storage and for stack area of subroutine calls
and interrupts.
ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing, and the other areas are user areas for storing pro-
grams.
Interrupt vector area
The interrupt vector area contains reset and interrupt vectors.
Zero page
The 256 bytes from addresses 000016 to 00FF16 are called the zero
page area. The internal RAM and the special function registers (SFR)
are allocated to this area.
The zero page addressing mode can be used to specify memory and
register addresses in the zero page area. Access to this area with
only 2 bytes is possible in the zero page addressing mode.
Special page
The 256 bytes from addresses FF0016 to FFFF16 are called the spe-
cial page area. The special page addressing mode can be used to
specify memory addresses in the special page area. Access to this
area with only 2 bytes is possible in the special page addressing
mode.
Fig. 6 Memory Map Diagram
010016
000016
004016
044016
FF0016
FFDC16
FFFE16
FFFF16
192
256
384
512
640
768
896
1024
1536
2048
XXXX16
00FF16
013F16
01BF16
023F16
02BF16
033F16
03BF16
043F16
063F16
083F16
4096
8192
12288
16384
20480
24576
28672
32768
36864
40960
45056
49152
53248
57344
61440
F00016
E00016
D00016
C00016
B00016
A00016
900016
800016
700016
600016
500016
400016
300016
200016
100016
F08016
E08016
D08016
C08016
B08016
A08016
908016
808016
708016
608016
508016
408016
308016
208016
108016
YYYY16
ZZZZ16
RAM
ROM
0EF016
0F0016
0EFF16
0FFF16
Reserved area
SFR area 1
Not used (Note)
Interrupt vector area
ROM area
Reserved ROM area
(common ROM area,128 byte)
Zero page
Special page
RAM area
RAM size
(byte)
Address
XXXX16
ROM size
(byte)
Address
YYYY16
Reserved ROM area
Address
ZZZZ16
SFR area 2
RAM area for Serial I/O automatic
transfer
RAM area for FLD automatic display
Note: When 1024 bytes or more are used as RAM area, this area can be used.


Similar Part No. - M38B51EFXXXFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38B53M4-059FP MITSUBISHI-M38B53M4-059FP Datasheet
1,011Kb / 69P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
M38B53M4-059FP MITSUBISHI-M38B53M4-059FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B53M4-060FP MITSUBISHI-M38B53M4-060FP Datasheet
1,011Kb / 69P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
M38B53M4-060FP MITSUBISHI-M38B53M4-060FP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38B57 MITSUBISHI-M38B57 Datasheet
1,011Kb / 69P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
More results

Similar Description - M38B51EFXXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com