Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZJ Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP.

Part # GDZJ
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

GDZJ Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  GDZJ Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. GDZJ Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GDZ J-SERIES ZENER DIODES
A
24.26 25.52
B
24.97 26.26
C
25.63 26.95
D
26.29 27.64
A
26.99 28.39
B
27.70 29.13
C
28.36 29.82
D
29.02 30.51
A
29.68 31.22
B
30.32 31.88
C
30.90 32.50
D
31.49 33.11
A
32.14 33.79
B
32.79 34.49
C
33.40 35.13
D
34.01 35.77
A
34.68 36.47
B
35.36 37.19
C
36.00 37.85
D
36.63 38.52
ZENER DIODE MARKING SYSTEM(DO-34/DO-35):
Z
5B6
Z
27D
1*
2*
3*
4*
1*TYPE NO.
3*TYPE NO.
2*5B6=GDZ J5.6B
4*27D=GDZ J27D
*MEASURED WITH PULSES Tp=20m SEC.
5
85
0.5
250
75
0.5
250
GDZ J 39
5
100
0.2
1.0
30.0
0.2
1.0
27.0
0.2
5
GDZ J 36
5
100
0.2
5
65
0.5
250
55
0.5
250
GDZ J 33
5
100
0.2
1.0
25.0
0.2
1.0
23.0
0.2
5
GDZ J 30
5
100
0.2
5
36
0.5
250
GDZ J 27
5
100
0.2
1.0
21.0
0.2


Similar Part No. - GDZJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZJ10 PANJIT-GDZJ10 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Diotech Company.
GDZJ10 DIOTECH-GDZJ10 Datasheet
1Mb / 5P
   500mW EPITAXIAL ZENER DIODE
logo
Pan Jit International I...
GDZJ10A PANJIT-GDZJ10A Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZJ10A FRONTIER-GDZJ10A Datasheet
123Kb / 4P
   500m WATT ZENER DIODE
logo
Formosa MS
GDZJ10A FORMOSA-GDZJ10A Datasheet
339Kb / 4P
   Zener diode
More results

Similar Description - GDZJ

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com