Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101DB0AKL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9101DB0AKL
Description  PWM Controlled Step-Up DC/DC Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101DB0AKL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9101DB0AKL Datasheet HTML 1Page - Torex Semiconductor XC9101DB0AKL Datasheet HTML 2Page - Torex Semiconductor XC9101DB0AKL Datasheet HTML 3Page - Torex Semiconductor XC9101DB0AKL Datasheet HTML 4Page - Torex Semiconductor XC9101DB0AKL Datasheet HTML 5Page - Torex Semiconductor XC9101DB0AKL Datasheet HTML 6Page - Torex Semiconductor XC9101DB0AKL Datasheet HTML 7Page - Torex Semiconductor XC9101DB0AKL Datasheet HTML 8Page - Torex Semiconductor XC9101DB0AKL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
XC9101Series
390
4
■Absolute Maximum Ratings
■Block Diagram
EXT
ISEN
VIN
CE/SS
VSS
VOUT
CC/GAIN
CLK
Ramp Wave,
Internal CLK
generator
Chip Enable,
Soft Start up,
U.V.L.O.
Verr
PWM
Ierr
Internal
Voltage
Regulator
EXT timming
controll
logic
Current
Limit
Protection
Limitter comp.
Vref generator
CE,UVLO
to internal
circuit
0.9V
Sampling
R1
R2
MIX
2.0V
to internal
circuit
PARAMETER
EXT Pin Voltage
Isen Pin Voltage
VIN Pin Voltage
CE/SS Pin Voltage
CLK Pin Voltage
CC/GAIN Pin Voltage
VOUT/FB Pin Voltage
EXT Pin Current
Continuous Total Power Dissipation
Operating Ambient Temperature
Storage Temperature
SYMBOL
RATINGS
UNITS
−0.3∼+22
VEXT
VIsen
VIN
VCE
VCLK
VOUT/FB
IEXT
Tstg
−0.3∼VDD+0.3
−0.3∼+22
−0.3∼+22
−0.3∼VDD+0.3
−0.3∼+22
±100
−55∼+125
mA
Pd
150
mW
Topr
−40∼+85
Ta=25℃
VCC
−0.3∼VDD+0.3
04S_01XC9101/9102新規 02.09.12 14:38 ページ 390


Similar Part No. - XC9101DB0AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101DB0AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com