Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU66F-10D1 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # DDU66F-10D1
Description  5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU66F-10D1 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  DDU66F-10D1 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU66F-10D1 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU66F-10D1 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU66F-10D1 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DDU66F
Doc #97020
DATA DELAY DEVICES, INC.
2
2/5/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES
HIGH FREQUENCY RESPONSE
The DDU66F tolerances are guaranteed for input
pulse widths and periods greater than those
specified in the test conditions. Although the
device will function properly for pulse widths as
small as 40% of the total delay and periods as
small as 80% of the total delay (for a symmetric
input), the delays may deviate from their values at
low frequency. However, for a given input
condition, the deviation will be repeatable from
pulse to pulse. Contact technical support at Data
Delay Devices if your application requires device
testing at a specific input condition.
POWER SUPPLY BYPASSING
The DDU66F relies on a stable power supply to
produce repeatable delays within the stated
tolerances. A 0.1uf capacitor from VCC to GND,
located as close as possible to the VCC pin, is
recommended. A wide VCC trace and a clean
ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VCC+0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
2.5
3.4
V
VCC = MIN, IOH = MAX
VIH = MIN, VIL = MAX
Low Level Output Voltage
VOL
0.35
0.5
V
VCC = MIN, IOL = MAX
VIH = MIN, VIL = MAX
High Level Output Current
IOH
-1.0
mA
Low Level Output Current
IOL
20.0
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Clamp Voltage
VIK
-1.2
V
VCC = MIN, II = IIK
Input Current at Maximum
Input Voltage
IIHH
0.1
mA
VCC = MAX, VI = 7.0V
High Level Input Current
IIH
20
µA
VCC = MAX, VI = 2.7V
Low Level Input Current
IIL
-0.6
mA
VCC = MAX, VI = 0.5V
Short-circuit Output Current
IOS
-60
-150
mA
VCC = MAX
Output High Fan-out
25
Unit
Output Low Fan-out
12.5
Load


Similar Part No. - DDU66F-10D1

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU66C DATADELAY-DDU66C Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU66C-100A DATADELAY-DDU66C-100A Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU66C-100B2 DATADELAY-DDU66C-100B2 Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU66C-100D1 DATADELAY-DDU66C-100D1 Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU66C-100D4 DATADELAY-DDU66C-100D4 Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
More results

Similar Description - DDU66F-10D1

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU7F DATADELAY-DDU7F Datasheet
46Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU7F)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com