Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6209G122ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6209G122ML
Description  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209G122ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6209G122ML Datasheet HTML 1Page - Torex Semiconductor XC6209G122ML Datasheet HTML 2Page - Torex Semiconductor XC6209G122ML Datasheet HTML 3Page - Torex Semiconductor XC6209G122ML Datasheet HTML 4Page - Torex Semiconductor XC6209G122ML Datasheet HTML 5Page - Torex Semiconductor XC6209G122ML Datasheet HTML 6Page - Torex Semiconductor XC6209G122ML Datasheet HTML 7Page - Torex Semiconductor XC6209G122ML Datasheet HTML 8Page - Torex Semiconductor XC6209G122ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
February 17, 2004 V5
! Low Power Consumption
: 25
µA (TYP.)
! APPLICATIONS
! Dropout Voltage
: 30mA @ 60mV
" Mobile phones, Cordless phones
: 100mA @ 200mV
" Wireless communication equipment
! Output Current
: 150mA (XC6209A ~D series)
" Portable games
: 300mA (XC6209E ~H series)
" Cameras, Video recorders
! Highly Accurate
: ± 2% (± 30mV less than 1.5V)
" Portable AV equipment
! Output Voltage Range
: 0.9V ~ 6.0V (50mV Step)
" Reference voltage
! Low ESR capacitor compatible
" Battery powered equipment
! GENERAL DESCRIPTION
! FEATURES
Maximum Output Current (*)
: 150mA (XC6209A ~ D series)
: 300mA (XC6209E ~ H series)
Dropout Voltage
: 200mV @ IOUT=100mA
Operating Voltage Range
: 2.0V ~ 10V
Output Voltage Range
: 0.9V ~ 6.0V (50mV Step)
Highly Accurate
: ± 2% (VOUT>1.5V)
: ± 30mV (VOUT<1.5V)
Low Power Consumption
: 25
µA (TYP.)
Standby Current
: Less than 0.1
µA (TYP.)
High Ripple Rejection
: 70dB (10kHz)
Operating Temperature Range
: - 40
OC ~ + 85OC
Low ESR Capacitor Compatible
: Ceramic capacitor
Ultra Small Packages
: SOT-25
SOT-89-5
USP-6B
* Maximum output current of the XC6209E ~ H series
depends on the setting voltage.
! TYPICAL APPLICATION CIRCUIT
! TYPICAL PERFORMANCE CHARACTERISTICS
# Supply Current vs. Input Voltage
The XC6209 series are precise, low noise, positive voltage LDO
regulators manufactured using CMOS processes. The series
achieves high ripple rejection and low dropout and consists of a
voltage reference, an error amplifier, a current limiter and a phase
compensation circuit plus a driver transistor.
Output voltage is selectable in 50mV increments within a range of
0.9V ~ 6.0V.
The series is also compatible with low ESR ceramic capacitors
which give added output stability. This stability can be maintained
even during load fluctuations due to the excellent transient
response of the series.
The current limiter's foldback circuit also operates as a short
protect for the output current limiter and the output pin.
The CE function enables the output to be turned off, resulting in
greatly reduced power consumption.
VIN
VOUT
NC
CE
CL
1
µF
VSS
CIN
1
µF
Semiconductor Ltd.
XC6209x302
0
10
20
30
40
50
02
46
8
10
Input Voltage VIN (V)
Topr= 85OC
= 25OC
= - 40OC
Data Sheet
1


Similar Part No. - XC6209G122ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209G30AD TOREX-XC6209G30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209G31AD TOREX-XC6209G31AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209G32AD TOREX-XC6209G32AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209G33AD TOREX-XC6209G33AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209G34AD TOREX-XC6209G34AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6209G122ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com